Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 45Page - PMC-Sierra, Inc PM7385 Datasheet HTML 46Page - PMC-Sierra, Inc PM7385 Datasheet HTML 47Page - PMC-Sierra, Inc PM7385 Datasheet HTML 48Page - PMC-Sierra, Inc PM7385 Datasheet HTML 49Page - PMC-Sierra, Inc PM7385 Datasheet HTML 50Page - PMC-Sierra, Inc PM7385 Datasheet HTML 51Page - PMC-Sierra, Inc PM7385 Datasheet HTML 52Page - PMC-Sierra, Inc PM7385 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
40
frequency and alignment as determined by the reference clock (REFCLK) and
frame indicator signal (C1FP). Frequency deviations are compensated by
adjusting the location of the T1/J1/E1/DS3 channels using floating tributaries as
determined by the V5 indicator and payload signals (DV5, AV5, DPL and APL).
The multiplexed links are separated into three Synchronous Payload Envelopes.
Each envelope may be configured independently to carry up to 28 T1/J1s, 21
E1s or a DS3.
8.2 High-Level Data Link Control (HDLC) Protocol
Figure 1 shows a diagram of the synchronous HDLC protocol supported by the
FREEDM-84A672 device. The incoming stream is examined for flag bytes
(01111110 bit pattern) which delineate the opening and closing of the HDLC
packet. The packet is bit de-stuffed which discards a “0” bit which directly follows
five contiguous “1” bits. The resulting HDLC packet size must be a multiple of an
octet (8 bits) and within the expected minimum and maximum packet length
limits. The minimum packet length is that of a packet containing two information
bytes (address and control) and FCS bytes. For packets with CRC-CCITT as
FCS, the minimum packet length is four bytes while those with CRC-32 as FCS,
the minimum length is six bytes. An HDLC packet is aborted when seven
contiguous “1” bits (with no inserted “0” bits) are received. At least one flag byte
must exist between HDLC packets for delineation. Contiguous flag bytes, or all
ones bytes between packets are used as an “inter-frame time fill”. Adjacent flag
bytes may share zeros.
Figure 1 – HDLC Frame
Flag
Information
FCS
Flag
HDLC Packet
Flag
The CRC algorithm for the frame checking sequence (FCS) field is either a
CRC-CCITT or CRC-32 function. Figure 2 shows a CRC encoder block diagram
using the generating polynomial g(X) = 1 + g1X + g2X2 +…+ gn-1Xn-1 + Xn. The
CRC-CCITT FCS is two bytes in size and has a generating polynomial g(X) = 1 +
X5 + X12 + X16. The CRC-32 FCS is four bytes in size and has a generating
polynomial g(X) = 1 + X + X2 + X4 + X5 + X7 + X8 + X10 + X11 + X12 + X16 + X22
+ X23 + X26 + X32. The first FCS bit received is the residue of the highest term.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com