Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 7Page - PMC-Sierra, Inc PM7385 Datasheet HTML 8Page - PMC-Sierra, Inc PM7385 Datasheet HTML 9Page - PMC-Sierra, Inc PM7385 Datasheet HTML 10Page - PMC-Sierra, Inc PM7385 Datasheet HTML 11Page - PMC-Sierra, Inc PM7385 Datasheet HTML 12Page - PMC-Sierra, Inc PM7385 Datasheet HTML 13Page - PMC-Sierra, Inc PM7385 Datasheet HTML 14Page - PMC-Sierra, Inc PM7385 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
· For each channel, the HDLC transmitter supports programmable flag
sequence generation, bit stuffing and frame check sequence generation. The
transmitter supports the generation of both CRC-CCITT and CRC-32 frame
check sequences. The transmitter also aborts packets under the direction of
the external controller or automatically when the channel underflows.
· Alternatively, for each channel, the transmitter supports a transparent mode
where each octet is inserted transparently from the transmit APPI. For
channelised links, the octets are aligned with the transmit time-slots.
· Supports per-channel configurable APPI burst sizes of up to 256 bytes for
transfers of packet data.
· The FREEDM maintains packet level performance metrics such as number of
received packets, number of received packets with frame check sequence
errors, number of transmitted packets, number of receive aborted packets,
and number of transmit aborted packets.
· Provides 32 Kbytes of on-chip memory for partial packet buffering in both the
transmit and the receive directions. This memory may be configured to
support a variety of different channel configurations from a single channel with
32 Kbytes of buffering to 672 channels, each with a minimum of 48 bytes of
buffering.
· Provides a 16 bit microprocessor interface for configuration and status
monitoring.
· Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
· Supports 3.3 Volt tolerant I/O.
· Low power 2.5 Volt 0.25 mm CMOS technology.
· 352 pin enhanced ball grid array (SBGA) package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com