Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 36Page - PMC-Sierra, Inc PM7385 Datasheet HTML 37Page - PMC-Sierra, Inc PM7385 Datasheet HTML 38Page - PMC-Sierra, Inc PM7385 Datasheet HTML 39Page - PMC-Sierra, Inc PM7385 Datasheet HTML 40Page - PMC-Sierra, Inc PM7385 Datasheet HTML 41Page - PMC-Sierra, Inc PM7385 Datasheet HTML 42Page - PMC-Sierra, Inc PM7385 Datasheet HTML 43Page - PMC-Sierra, Inc PM7385 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
Pin Name
Type
Pin
No.
Function
WRB
Input
C15
The write strobe signal (WRB) qualifies write
accesses to the FREEDM-84A672 device.
When CSB is set low, the D[15:0] bus contents
are clocked into the addressed register on the
rising edge of WRB.
RDB
Input
B15
The read strobe signal (RDB) qualifies read
accesses to the FREEDM-84A672 device.
When CSB is set low, the FREEDM-84A672
device drives the D[15:0] bus with the contents
of the addressed register on the falling edge of
RDB.
CSB
Input
A15
The chip select signal (CSB) qualifies read/write
accesses to the FREEDM-84A672 device. The
CSB signal must be set low during read and
write accesses. When CSB is set high, the
microprocessor interface signals are ignored by
the FREEDM-84A672 device.
If CSB is not required (register accesses
controlled only by WRB and RDB) then CSB
should be connected to an inverted version of
the RSTB signal.
INTB
Open-
Drain
Output
C14
The interrupt signal (INTB) indicates that an
interrupt source is active and unmasked. When
INTB is set low, the FREEDM-84A672 device
has an active interrupt that is unmasked. When
INTB is tristate, no interrupts are active, or an
active interrupt is masked. Please refer to the
register description section of this document for
possible interrupt sources and masking.
It is the responsibility of the external
microprocessor to read the status registers in
the FREEDM-84A672 device to determine the
exact cause of the interrupt.
INTB is an open drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com