Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 67Page - PMC-Sierra, Inc PM7385 Datasheet HTML 68Page - PMC-Sierra, Inc PM7385 Datasheet HTML 69Page - PMC-Sierra, Inc PM7385 Datasheet HTML 70Page - PMC-Sierra, Inc PM7385 Datasheet HTML 71Page - PMC-Sierra, Inc PM7385 Datasheet HTML 72Page - PMC-Sierra, Inc PM7385 Datasheet HTML 73Page - PMC-Sierra, Inc PM7385 Datasheet HTML 74Page - PMC-Sierra, Inc PM7385 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
62
Address
Register
0x448
TCAS SBI SPE2 Configuration Register #1
0x44C
TCAS SBI SPE2 Configuration Register #2
0x450
TCAS SBI SPE3 Configuration Register #1
0x454
TCAS SBI SPE3 Configuration Register #2
0x458 - 0x47C
TCAS Reserved
0x480 - 0x488
TCAS Link #0 to #2 Configuration
0x48C - 0x4FC
TCAS Reserved
0x500
PMON Status
0x504
PMON Receive FIFO Overflow Count
0x508
PMON Transmit FIFO Underflow Count
0x50C
PMON Configurable Count #1
0x510
PMON Configurable Count #2
0x514 – 0x51C
PMON Reserved
0x520 – 0x57C
Reserved
0x580
RAPI Control
0x584 – 0x5BC
RAPI Reserved
0x5C0
SBI EXTRACT Control
0x5C4 – 0x5C8
SBI EXTRACT Reserved
0x5CC
SBI EXTRACT Tributary RAM Indirect Access Address
0x5D0
SBI EXTRACT Tributary RAM Indirect Access Control
0x5D4
SBI EXTRACT Reserved
0x5D8
SBI EXTRACT Tributary RAM Indirect Access Data
0x5DC
SBI EXTRACT Parity Error Interrupt Reason
0x5E0 – 0x5FC
SBI EXTRACT Reserved
0x600
TAPI Control
0x604
TAPI Indirect Channel Provisioning
0x608
TAPI Indirect Channel Data Register
0x60C – 0x63C
TAPI Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com