Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 85Page - PMC-Sierra, Inc PM7385 Datasheet HTML 86Page - PMC-Sierra, Inc PM7385 Datasheet HTML 87Page - PMC-Sierra, Inc PM7385 Datasheet HTML 88Page - PMC-Sierra, Inc PM7385 Datasheet HTML 89Page - PMC-Sierra, Inc PM7385 Datasheet HTML 90Page - PMC-Sierra, Inc PM7385 Datasheet HTML 91Page - PMC-Sierra, Inc PM7385 Datasheet HTML 92Page - PMC-Sierra, Inc PM7385 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
80
Register 0x028 : FREEDM-84A672 Master SBI Interrupt Enable
Bit
Type
Function
Default
Bit 15
to
Bit 1
Unused
XXH
Bit 0
R/W
SBIEXTE
0
This register provides interrupt enables for various events detected or initiated by
the SBI circuitry within the FREEDM-84A672.
SBIEXTE:
The SBI Extracter interrupt enable bit (SBIEXTE) enables interrupts from the
SBI Extract block to the microprocessor. When SBIEXTE is set high, an
interrupt from the SBI Extract block will cause an interrupt to be generated on
the INTB output. Interrupts are masked when SBIEXTE is set low. However,
the SBIEXTI bit remains valid when interrupts are disabled and may be polled
to detect interrupts from the SBI Extract Block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com