Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 87Page - PMC-Sierra, Inc PM7385 Datasheet HTML 88Page - PMC-Sierra, Inc PM7385 Datasheet HTML 89Page - PMC-Sierra, Inc PM7385 Datasheet HTML 90Page - PMC-Sierra, Inc PM7385 Datasheet HTML 91Page - PMC-Sierra, Inc PM7385 Datasheet HTML 92Page - PMC-Sierra, Inc PM7385 Datasheet HTML 93Page - PMC-Sierra, Inc PM7385 Datasheet HTML 94Page - PMC-Sierra, Inc PM7385 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
82
Register 0x030 : FREEDM-84A672 Master Tributary Loopback #1
Bit
Type
Function
Default
Bit 15
R/W
SPE1_LBEN[16]
0
Bit 14
R/W
SPE1_LBEN[15]
0
Bit 13
R/W
SPE1_LBEN[14]
0
Bit 12
R/W
SPE1_LBEN[13]
0
Bit 11
R/W
SPE1_LBEN[12]
0
Bit 10
R/W
SPE1_LBEN[11]
0
Bit 9
R/W
SPE1_LBEN[10]
0
Bit 8
R/W
SPE1_LBEN[9]
0
Bit 7
R/W
SPE1_LBEN[8]
0
Bit 6
R/W
SPE1_LBEN[7]
0
Bit 5
R/W
SPE1_LBEN[6]
0
Bit 4
R/W
SPE1_LBEN[5]
0
Bit 3
R/W
SPE1_LBEN[4]
0
Bit 2
R/W
SPE1_LBEN[3]
0
Bit 1
R/W
SPE1_LBEN[2]
0
Bit 0
R/W
SPE1_LBEN[1]
0
This register controls line loopback for tributaries #1 to #16 of SPE #1.
SPE1_LBEN[16:1]:
The SPE #1 loopback enable bits (SPE1_LBEN[16:1]) control line loopback
for tributaries #16 to #1 of SPE #1 of the SBI Interface. When SPE1_LBEN[n]
is set high, the data on tributary #n output by the SBI PISO block is looped
back to the tributary #n input of the SBI SIPO block. When SPE1_LBEN[n] is
set low, transmit data for tributary #n is provided by the TCAS block (i.e.
processed normally).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com