Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 12Page - PMC-Sierra, Inc PM7385 Datasheet HTML 13Page - PMC-Sierra, Inc PM7385 Datasheet HTML 14Page - PMC-Sierra, Inc PM7385 Datasheet HTML 15Page - PMC-Sierra, Inc PM7385 Datasheet HTML 16Page - PMC-Sierra, Inc PM7385 Datasheet HTML 17Page - PMC-Sierra, Inc PM7385 Datasheet HTML 18Page - PMC-Sierra, Inc PM7385 Datasheet HTML 19Page - PMC-Sierra, Inc PM7385 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
7
selection. The external controller is also the master for channel selection in the
transmit direction. In the receive direction, however, each FREEDM-84A672
device retains control over selection of its respective channels. The transmit and
receive APPI is made up of three groups of functional signals – polling, selection
and data transfer. The polling signals are used by the external controller to
interrogate the status of the transmit and receive 32 Kbyte partial packet buffers.
The selection signals are used by the external controller to select a FREEDM-
84A672 device, or a channel within a FREEDM-84A672 device, for data transfer.
The data transfer signals provide a means of transferring data across the APPI
between the external controller and a FREEDM-84A672 device.
In the receive direction, polling and selection are done at the device level.
Polling is not decoupled from selection, as the receive address pins serve as
both a device poll address and to select a FREEDM-84A672 device. In response
to a positive poll, the external controller may select that FREEDM-84A672 device
for data transfer. Once selected, the FREEDM-84A672 prepends an in-band
channel address to each partial packet transfer across the receive APPI to
associate the data with a channel. A FREEDM-84A672 must not be selected
after a negative poll response.
In the transmit direction, polling is done at the channel level. Polling is
completely decoupled from selection. To increase the polling bandwidth, up to
two channels may be polled simultaneously. The polling engine in the external
controller runs independently of other activity on the transmit APPI. In response
to a positive poll, the external controller may commence partial packet data
transfer across the transmit APPI for the successfully polled channel of a
FREEDM-84A672 device. The external controller must prepend an in-band
channel address to each partial packet transfer across the transmit APPI to
associate the data with a channel.
In the receive direction, the FREEDM-84A672 performs channel assignment and
packet extraction and validation. For each provisioned HDLC channel, the
FREEDM-84A672 delineates the packet boundaries using flag sequence
detection, and performs bit de-stuffing. Sharing of opening and closing flags, as
well as sharing of zeros between flags are supported. The resulting packet data
is placed into the internal 32 Kbyte partial packet buffer RAM. The partial packet
buffer acts as a logical FIFO for each of the assigned channels. An external
controller transfers partial packets out of the RAM, across the receive APPI bus,
into host packet memory. The FREEDM-84A672 validates the frame check
sequence for each packet, and verifies that the packet is an integral number of
octets in length and is within a programmable minimum and maximum lengths.
Receive APPI bus latency may cause one or more channels to overflow, in which
case, the packets are aborted. The FREEDM-84A672 reports the status of each
packet on the receive APPI at the end of each packet transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com