Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 75Page - PMC-Sierra, Inc PM7385 Datasheet HTML 76Page - PMC-Sierra, Inc PM7385 Datasheet HTML 77Page - PMC-Sierra, Inc PM7385 Datasheet HTML 78Page - PMC-Sierra, Inc PM7385 Datasheet HTML 79Page - PMC-Sierra, Inc PM7385 Datasheet HTML 80Page - PMC-Sierra, Inc PM7385 Datasheet HTML 81Page - PMC-Sierra, Inc PM7385 Datasheet HTML 82Page - PMC-Sierra, Inc PM7385 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
70
Register 0x008 : FREEDM-84A672 Master Interrupt Status
Bit
Type
Function
Default
Bit 15
R
TFUDRI
X
Bit 14
R
TFOVRI
X
Bit 13
R
TUNPVI
X
Bit 12
R
TPRTYI
X
Bit 11
to
Bit 6
Unused
XXH
Bit 5
R
RFOVRI
X
Bit 4
R
RPFEI
X
Bit 3
R
RABRTI
X
Bit 2
R
RFCSEI
X
Bit 1
Unused
X
Bit 0
Unused
X
This register reports the interrupt status for various events detected or initiated by
the FREEDM-84A672. Reading this registers acknowledges and clears the
interrupts.
RFCSEI:
The receive frame check sequence error interrupt status bit (RFCSEI) reports
receive FCS error interrupts to the microprocessor. RFCSEI is set high when
a mismatch between the received FCS code and the computed CRC residue
is detected. RFCSEI remains valid when interrupts are disabled and may be
polled to detect receive FCS error events.
RABRTI:
The receive abort interrupt status bit (RABRTI) reports receive HDLC abort
interrupts to the microprocessor. RABRTI is set high upon receipt of an abort
code (at least 7 contiguous 1’s). RABRTI remains valid when interrupts are
disabled and may be polled to detect receive abort events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com