Electronic Components Datasheet Search
  English  ▼

X  

LX7220 Datasheet(PDF) 19 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 19 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 15Page - Microchip Technology LX7220 Datasheet HTML 16Page - Microchip Technology LX7220 Datasheet HTML 17Page - Microchip Technology LX7220 Datasheet HTML 18Page - Microchip Technology LX7220 Datasheet HTML 19Page - Microchip Technology LX7220 Datasheet HTML 20Page - Microchip Technology LX7220 Datasheet HTML 21Page - Microchip Technology LX7220 Datasheet HTML 22Page - Microchip Technology LX7220 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 19
LX7220
APPENDIX A: REVISION HISTORY
Revision A (September 2022)
• Converted Microsemi document “LX7220 - 2.7V
to 5.5V, 6A Constant Frequency Hysteretic
Synchronous Buck Regulator with I2C Production
Data Spec” to Microchip data sheet
DS20006704A.
• Updated Package Types.
• Updated Typical Application Circuit.
• Updated Functional Block Diagram.
• Updated Electrical Characteristics.
• Minor text and format changes throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com