Electronic Components Datasheet Search
  English  ▼

X  

LX7220 Datasheet(PDF) 14 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 10Page - Microchip Technology LX7220 Datasheet HTML 11Page - Microchip Technology LX7220 Datasheet HTML 12Page - Microchip Technology LX7220 Datasheet HTML 13Page - Microchip Technology LX7220 Datasheet HTML 14Page - Microchip Technology LX7220 Datasheet HTML 15Page - Microchip Technology LX7220 Datasheet HTML 16Page - Microchip Technology LX7220 Datasheet HTML 17Page - Microchip Technology LX7220 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LX7220
DS20006704A-page 14
 2022 Microchip Technology Inc. and its subsidiaries
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried
over to the next line, thus limiting the number of available characters for customer-specific
information. Package may or may not include the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
14-Lead VQFN
Example:
MSCX1
7220
YNNN
MSCN
7220
2256
Note 1: For detailed information, please refer
to Section Ordering Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com