Electronic Components Datasheet Search
  English  ▼

X  

LX7220 Datasheet(PDF) 11 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology LX7220 Datasheet HTML 10Page - Microchip Technology LX7220 Datasheet HTML 11Page - Microchip Technology LX7220 Datasheet HTML 12Page - Microchip Technology LX7220 Datasheet HTML 13Page - Microchip Technology LX7220 Datasheet HTML 14Page - Microchip Technology LX7220 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 11
LX7220
4.7
I2C Electrical Characteristics
The minimum HIGH and LOW periods of the SCL clock
specified the I2C Timing Specification table determine
the maximum bit transfer rates of, 400 kbits/s for
Fast-mode devices, and 3.4 Mbits/s for HS-mode Plus.
Devices must be able to follow transfers at their own
maximum bit rates, either by being able to transmit or
receive at that speed or by applying the I2C clock
synchronization procedure, which will force the host
into a wait state and stretch the LOW period of the SCL
signal. Of course, in the latter case the bit transfer rate
is reduced.
Figure 4-3 and Figure 4-4 show all timing parameters
for the HS & FS-mode timing. The ‘normal’ START
condition S does not exist in HS-mode. Timing
parameters for Address bits, R/W bit, Acknowledge bit
and DATA bits are all the same. Only the rising edge of
the first SCL clock signal after an acknowledge bit has
a larger value because the external Rp has to pull-up
SCL without the help of the internal current-source.
The HS & FS-mode timing parameters for the bus lines
are specified in the Table 1-1. The minimum HIGH and
LOW periods and the maximum rise and fall times of
the SCL clock signal determine the highest bit rate.
With an internally generated SCL signal with LOW and
HIGH level periods of 200 ns and 100 ns respectively,
an HS-mode host fulfills the timing requirements for the
external SCL clock pulses (taking the rise and fall times
into account) for the maximum bit rate of 3.4 Mbit/s. So
a basic frequency of 10 MHz, or a multiple of 10 MHz,
can be used by an HS-mode host to generate the SCL
signal. There are no limits for maximum HIGH and
LOW periods of the SCL clock, and there is no limit for
a lowest bit rate.
Timing parameters are independent for capacitive load
up to 100 pF for each bus line allowing the maximum
possible bit rate of 3.4 Mbit/s. At a higher capacitive
load on the bus lines, the bit rate decreases gradually.
The timing parameters for a capacitive bus load of
400 pF are specified in Table 1-1, allowing a maximum
bit rate of 1.7 Mbit/s. For capacitive bus loads between
100 pF and 400 pF, the timing parameters must be
interpolated linearly. Rise and fall times are in
accordance with the maximum propagation time of the
transmission lines SDA and SCL to prevent reflections
of the open ends.
FIGURE 4-1:
Write Protocol.
FIGURE 4-2:
Read Protocol.
FIGURE 4-3:
Definition for FS-Mode Devices on the I2C Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com