Electronic Components Datasheet Search
  English  ▼

X  

LX7220 Datasheet(PDF) 17 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 17 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 13Page - Microchip Technology LX7220 Datasheet HTML 14Page - Microchip Technology LX7220 Datasheet HTML 15Page - Microchip Technology LX7220 Datasheet HTML 16Page - Microchip Technology LX7220 Datasheet HTML 17Page - Microchip Technology LX7220 Datasheet HTML 18Page - Microchip Technology LX7220 Datasheet HTML 19Page - Microchip Technology LX7220 Datasheet HTML 20Page - Microchip Technology LX7220 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 17
LX7220
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Center Pad Width
Contact Pad Spacing
Center Pad Length
Contact Pitch
Y3
X2
0.65
0.65
MILLIMETERS
X.XX BSC
MIN
E
MAX
3.00
Contact Pad Length (Xnn)
Contact Pad Width (Xnn)
Y1
X1
0.80
0.30
NOM
1
2
14
C1
Contact Pad Spacing
2.00
Contact Pad to Contact Pad (Xnn)
G
0.20
Thermal Via Diameter
V
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-27488 Rev A
Y4
C1
E
X1
Y2
Y1
Y
X2
ØV
C2
SILK SCREEN
Center Pad Offset
Y4
0.26
Contact Pad Length (Xnn)
Y2
1.03
G
14-Lead Very Thin Quad Flat, No Lead Package (NVC) - 2x3x1.0 mm Body [VQFN]
With 0.6 mm Exposed Pad; Microsemi Legacy Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com