Electronic Components Datasheet Search
  English  ▼

X  

LX7220 Datasheet(PDF) 7 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 3Page - Microchip Technology LX7220 Datasheet HTML 4Page - Microchip Technology LX7220 Datasheet HTML 5Page - Microchip Technology LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology LX7220 Datasheet HTML 10Page - Microchip Technology LX7220 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 7
LX7220
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PINOUT DESCRIPTION
Pin Number Pin Name
Description
1
PGOOD
Open Drain status output, requires external pull up resistor. This pin will go low when VOUT
is outside the defined power good range, when the die is hotter than the thermal shutdown
threshold, when PVIN is above the overvoltage threshold, or when PVIN is below the
undervoltage threshold. PGOOD will go high after the last of these fault conditions clear.
2
SDA
Serial data bus (bidirectional) for I2C. Connect directly to GND if unused.
3, PAD
GND
Ground. Connect to ground plane.
4, 9
SW
Switching Node. Drives the external L-C low pass filter.
5, 6, 7, 8
VIN
Input of IC and buck stage. Connect to input rail VIN (between 2.7V and 5.5V). A minimum
input capacitance of one 1 μF and one 22 μF of X5R or better multilayer ceramic, should be
placed very close to IC between this node and GND.
10
EN
Enable for switching regulator. Force high to enable, force low to disable the IC.
11
AGND
Analog Ground. Connect to ground plane.
12
VOUT
Output voltage sense. Connect directly to output rail or resistive voltage divider output.
13
SCL
Serial clock input for I2C. Connect directly to GND if unused.
14
AVIN
Analog input voltage pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com