Electronic Components Datasheet Search
  English  ▼

X  

LX7220 Datasheet(PDF) 6 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 2Page - Microchip Technology LX7220 Datasheet HTML 3Page - Microchip Technology LX7220 Datasheet HTML 4Page - Microchip Technology LX7220 Datasheet HTML 5Page - Microchip Technology LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology LX7220 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LX7220
DS20006704A-page 6
 2022 Microchip Technology Inc. and its subsidiaries
TABLE 1-1:
I2C TIMING SPECIFICATIONS
Parameter
Sym.
Cb = 100 pF
(max) (Note 2)
Cb = 400 pF
Units
Conditions
Min.
Max.
Min.
Max.
SCL clock frequency
fSCHL
0
3.4
0
0.4
MHz
Set-up time for a repeated
START condition
tSU;STA
160
—
600
—
ns
Hold time (repeated) START
condition
tHD;STA
160
—
600
—
ns
LOW period of the SCL clock
tLOW
160
—
1300
—
ns
HIGH period of the SCL clock
tHIGH
60
—
600
—
ns
Data set-up time
tSU;DAT
10
—
100
—
ns
Data hold time
tHD;DAT
070
0
—
ns
Rise time of SCL signal
trCL
10
40
20 × 0.1Cb
300
ns
Rise time of SCL signal after a
repeated START condition and
after an acknowledge bit
trCL1
10
80
20 × 0.1Cb
300
ns
Fall time of SCL signal
tfCL
10
40
20 × 0.1Cb
300
ns
Rise time of SDA signal
trDA
10
80
20 × 0.1Cb
300
ns
Fall time of SDA signal
tfDA
10
80
20 × 0.01Cb 300
ns
Set-up time for STOP
condition
tSU;STO
160
—
600
—
ns
Bus free time between a STOP
and START condition
tBUF
160
—
1300
—
ns
Data valid time
tVD;DAT
—
160
—
900
ns
Data valid acknowledge time
tVD;ACK
—
160
—
900
ns
Capacitive load for each bus line
Cb
—
100
—
400
pF
SDA and SCL lines
Note 1: All values referred to VIH(min) and VIL(max) levels of I/O stages table.
2: Loads in excess of 100 pF will restrict bus operation speed below 3.4 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com