Electronic Components Datasheet Search
  English  ▼

X  

LX7220 Datasheet(PDF) 12 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 12 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology LX7220 Datasheet HTML 10Page - Microchip Technology LX7220 Datasheet HTML 11Page - Microchip Technology LX7220 Datasheet HTML 12Page - Microchip Technology LX7220 Datasheet HTML 13Page - Microchip Technology LX7220 Datasheet HTML 14Page - Microchip Technology LX7220 Datasheet HTML 15Page - Microchip Technology LX7220 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LX7220
DS20006704A-page 12
 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-4:
Timing Definition for HS-Mode Devices on the I2C Port.
FIGURE 4-5:
Write Cycle Diagram.
FIGURE 4-6:
Read Cycle Diagram.
CONTROL REGISTER BIT DEFINITION
Bit
Name
Value
Description
Status, Address 00h
7:3
Reserved
—
—
2OCP
—
Latched to 1 if the overcurrent limit is reached. Write a “1” to reset the status
flag.
1OTP
—
Latched to 1 if an overtemperature event occurs. Write a “1” to reset the sta-
tus flag.
0
FB_UVLO
—
Latched to 1 if a FB_UVLO event occurs. Write a “1” to reset the status flag.
Vsel, Address 01h, (aka dac)
7EN
1-d
Device enabled.
0
Device disabled.
6:0
VSEL[6:0]
—
7-bit DAC value to set VREF. The default value is determined by the part
ordering code.
Ctrl1, Address 02h, (aka reg2)
7:6
Reserved
00-d
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com