Electronic Components Datasheet Search
  English  ▼

X  

LX7220 Datasheet(PDF) 15 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 15 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 11Page - Microchip Technology LX7220 Datasheet HTML 12Page - Microchip Technology LX7220 Datasheet HTML 13Page - Microchip Technology LX7220 Datasheet HTML 14Page - Microchip Technology LX7220 Datasheet HTML 15Page - Microchip Technology LX7220 Datasheet HTML 16Page - Microchip Technology LX7220 Datasheet HTML 17Page - Microchip Technology LX7220 Datasheet HTML 18Page - Microchip Technology LX7220 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 15
LX7220
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Sheet 1 of 2
2X
14X
For the most current package drawings, please see the Microchip Packaging Specification located at
Note:
http://www.microchip.com/packaging
14-Lead Very Thin Quad Flat, No Lead Package (NVC) - 2x3x1.0 mm Body [VQFN]
With 0.6 mm Exposed Pad; Microsemi Legacy Package
Microchip Technology Drawing C04-25488 Rev A
NOTE1
(DATUM B)
(DATUM A)
NOTE 1
SEATING
PLANE
A1
(A3)
A
D
E
D2
E2
E3
e
4X b1
e
10X b
L2
12X L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com