Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 34 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 30Page - Texas Instruments ADS9813 Datasheet HTML 31Page - Texas Instruments ADS9813 Datasheet HTML 32Page - Texas Instruments ADS9813 Datasheet HTML 33Page - Texas Instruments ADS9813 Datasheet HTML 34Page - Texas Instruments ADS9813 Datasheet HTML 35Page - Texas Instruments ADS9813 Datasheet HTML 36Page - Texas Instruments ADS9813 Datasheet HTML 37Page - Texas Instruments ADS9813 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
24-bits
CS
SCLK
{ addr[23:16] = 0x03, data[15:0] = 0x0002 or
0x0010 }
Register Write for Bank Selection (ADDR = 0x03)
Not Required for Register Bank 0
Register Write for Read Enable (ADDR = 0x00)
{ addr[23:16] = 0x00, data[15:0] = 0x0006 }
{ addr[23:16] = REG_ADDR, data[15:0] = 0 }
{ addr[23:16] = 0x00, data[15:0] = 0x0004 }
Register Read: 8-bit address of register to be read
Register Write for Read Disable (ADDR = 0x00)
SDI
16-bit Register Data
Hi-Z (when SPI_MODE = 1b)
Logic 0 (when SPI_MODE = 0b)
SDO
Frame 1
Frame 2
Frame 3
Frame 4
Figure 6-12. Register Read
6.5.3 Multiple Devices in a Daisy-Chain Topology for SPI Configuration
Figure 6-13 shows a typical connection diagram with multiple devices in a daisy-chain topology.
24-bit
ADS98XX
ADC1
SDI
SDO
24-bit
ADS98XX
ADC2
SDI
SDO
24-bit
ADS98XX
ADC3
SDI
SDO
24-bit
ADS98XX
ADC4
SDI
SDO
PICO
POCI
CS
SCLK
HOST
CS
SCLK
CS
SCLK
CS
SCLK
CS
SCLK
Figure 6-13. Daisy-Chain Connections for Configuration SPI
The CS and SCLK inputs of all ADCs are connected together and controlled by a single CS and SCLK pin of
the controller, respectively. The SDI input pin of the first ADC in the chain (ADC1) is connected to the peripheral
IN controller OUT (PICO) pin of the controller. Then, the SDO output pin of ADC1 is connected to the SDI input
pin of ADC2, and so on. The SDO output pin of the last ADC in the chain (ADC4) is connected to the peripheral
OUT controller IN (POCI) pin of the controller. The data on the PICO pin passes through ADC1 with a 24-SCLK
delay, as long as CS is active.
Enable daisy-chain after power-up or after the device is reset. Set the daisy-chain length in the
DAISY_CHAIN_LEN register to enable daisy-chain mode. The daisy-chain length is the number of ADCs in
the chain excluding ADC1. In Figure 6-13, the DAISY_CHAIN_LEN is 3.
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com