Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 17Page - Texas Instruments ADS9813 Datasheet HTML 18Page - Texas Instruments ADS9813 Datasheet HTML 19Page - Texas Instruments ADS9813 Datasheet HTML 20Page - Texas Instruments ADS9813 Datasheet HTML 21Page - Texas Instruments ADS9813 Datasheet HTML 22Page - Texas Instruments ADS9813 Datasheet HTML 23Page - Texas Instruments ADS9813 Datasheet HTML 24Page - Texas Instruments ADS9813 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
6.3 Feature Description
6.3.1 Analog Inputs
The ADS9813 incorporates eight, simultaneous sampling, 18-bit successive approximation register (SAR)
analog-to-digital converters (ADCs). The device has a total of eight analog input pairs. The ADC digitizes
the voltage difference between the analog input pairs AINxP – AINxM. Figure 6-1 shows the simplified
circuit schematic for each analog input channel. This figure also shows the input clamp protection circuit,
programmable gain amplifier (PGA), low-pass filter, high-speed ADC driver, and a precision 18-bit SAR ADC.
Typical SNR for analog input ranges vs input common-mode ranges are shown in Table 6-5 for low-bandwidth
mode and Table 6-6 for wide-bandwidth mode.
Clamp
AINxP
AINxM
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
Figure 6-1. Front-End Circuit Schematic for the Selected Analog Input Channel
6.3.1.1 Input Clamp Protection Circuit
The ADS9813 features an internal clamp protection circuit (Figure 6-1) on each of the eight analog input
channels. The input clamp protection circuit allows each analog input to swing up to a maximum voltage of ±18V.
Beyond an input voltage of ±18V, the input clamp circuit turns on and still operates from the single 5V supply.
Figure 6-2 shows a typical current versus voltage characteristic curve for the input clamp.
For input voltages above the clamp threshold, make sure that the input current never exceeds ±10mA. A resistor
placed in series with the analog inputs is an effective way to limit the input current. In addition to limiting the input
current, the series resistor also provides an antialiasing, low-pass filter (LPF) when coupled with a capacitor.
Matching the external source impedance on the AINxP and AINxM pins cancels any additional offset error.
Input Voltage (V)
-30 -25 -20 -15 -10
-5
0
5
10
15
20
25
30
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
Figure 6-2. Input Protection Clamp Profile, Input Clamp Current vs Source Voltage
www.ti.com
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com