Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 5Page - Texas Instruments ADS9813 Datasheet HTML 6Page - Texas Instruments ADS9813 Datasheet HTML 7Page - Texas Instruments ADS9813 Datasheet HTML 8Page - Texas Instruments ADS9813 Datasheet HTML 9Page - Texas Instruments ADS9813 Datasheet HTML 10Page - Texas Instruments ADS9813 Datasheet HTML 11Page - Texas Instruments ADS9813 Datasheet HTML 12Page - Texas Instruments ADS9813 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
5.5 Electrical Characteristics (continued)
at AVDD_5V = 4.75V to 5.25V, VDD_1V8 = 1.75V to 1.85V, IOVDD = 1.15V to 1.85V, VREF = 4.096V (external), and
maximum throughput (unless otherwise noted); minimum and maximum values at TA = –40°C to +125°C; typical values at TA
= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
VIL
Input low logic level
–0.3
0.3 IOVDD
V
VIH
Input high logic level
0.7 IOVDD
IOVDD
V
Input capacitance
6
pF
LVDS SAMPLING CLOCK INPUT
VTH
High-level input voltage (P – M)
AC coupled
100
mV
DC coupled
300
VTL
Low-level input voltage (P – M)
AC coupled
–100
mV
DC coupled
–300
VICM
Input common-mode voltage
0.5
1.2
1.4
V
DIGITAL OUTPUTS
VOL
Output low logic level
IOL = 200µA sink
0
0.2 IOVDD
V
VOH
Output high logic level
IOH = 200µA source
0.8 IOVDD
IOVDD
V
POWER SUPPLY - ADS9813
Total power dissipation
Maximum throughput
244
304
mW
IAVDD_5V Supply current from AVDD_5V
Maximum throughput, internal reference
28.3
32
mA
Power-down
0.2
2
IVDD_1V8 Supply current from VDD_1V8
Maximum throughput, internal reference
52
70
mA
Power-down
0.2
8
IIOVDD
Supply current from IOVDD
Maximum throughput, CL = 10pF
5
10
mA
Power-down
0.1
2
POWER SUPPLY - ADS9811 and ADS9810
Total power dissipation
Maximum throughput
177
215
mW
IAVDD_5V
Supply current from AVDD_5V
Maximum throughput, internal reference
21.3
25
mA
Supply current from AVDD_5V
Power-down
0.2
2
IVDD_1V8
Supply current from VDD_1V8
Maximum throughput, internal reference
35
43
mA
Supply current from VDD_1V8
Power-down
0.2
8
IIOVDD
Supply current from IOVDD
Maximum throughput, CL = 10pF
4
7
mA
Supply current from IOVDD
Power-down
0.1
2
(1)
Does not include the variation in voltage resulting from solder shift effects.
(2)
Measured with analog input common-mode voltage range ≤ ±RANGE/2 as described in Wide Common-Mode Configuration for
Differential Inputs
(3)
Minimum and maximum specifications are applicable for low-bandwidth filter setting.
www.ti.com
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com