Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 16Page - Texas Instruments ADS9813 Datasheet HTML 17Page - Texas Instruments ADS9813 Datasheet HTML 18Page - Texas Instruments ADS9813 Datasheet HTML 19Page - Texas Instruments ADS9813 Datasheet HTML 20Page - Texas Instruments ADS9813 Datasheet HTML 21Page - Texas Instruments ADS9813 Datasheet HTML 22Page - Texas Instruments ADS9813 Datasheet HTML 23Page - Texas Instruments ADS9813 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
6 Detailed Description
6.1 Overview
The ADS9813 is an 18-bit data acquisition (DAQ) system with eight analog input channels configurable as
either single-ended or differential. Each analog input channel consists of an input clamp protection circuit and a
programmable gain amplifier (PGA) with user-selectable bandwidth options. The input signals are digitized with
an 18-bit analog-to-digital converter (ADC), based on the successive approximation register (SAR) architecture.
This overall system achieves a maximum throughput of 2MSPS per channel for all channels. The device has
a 4.096V internal reference with several features that provide communication with a wide variety of digital
hosts. These features include a fast-settling buffer, a programmable digital averaging filter to improve noise
performance, and a high-speed data interface.
The device operates from 5V and 1.8V analog supplies and accommodates true bipolar input signals. The
input clamp protection circuitry tolerates voltages up to ±18V. The device offers a constant 1MΩ resistive input
impedance irrespective of the sampling frequency or the selected input range. The ADS9813 offers a simplified
end solution without requiring external high-voltage bipolar supplies and complicated driver circuits.
6.2 Functional Block Diagram
SMPL_CLK
4.096 V
VREF
GND
AVDD_5V
D1
D2
D3
SMPL_SYNC
CS
SCLK
SDI / EXTREF
SDO
Digital logic
and
Data Interface
Con gura on
Registers
VDD_1V8
IOVDD
RESET
D0
REFIO
ADC REF
2.5 V
REFOUT_2V5
FCLKOUT
DCLKOUT
SPI_EN
REFM
PWDN
Clamp
AIN1P
AIN1M
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
Clamp
AIN2P
AIN2M
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
Clamp
AIN3P
AIN3M
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
Clamp
AIN4P
AIN4M
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
Clamp
AIN5P
AIN5M
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
Clamp
AIN6P
AIN6M
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
Clamp
AIN7P
AIN7M
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
Clamp
AIN8P
AIN8M
1M
1M
Prog. LPF
SAR
ADC
Clamp
PGA
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com