Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 1 Page - Texas Instruments

  ADS9813 Datasheet HTML 1Page - Texas Instruments ADS9813 Datasheet HTML 2Page - Texas Instruments ADS9813 Datasheet HTML 3Page - Texas Instruments ADS9813 Datasheet HTML 4Page - Texas Instruments ADS9813 Datasheet HTML 5Page - Texas Instruments ADS9813 Datasheet HTML 6Page - Texas Instruments ADS9813 Datasheet HTML 7Page - Texas Instruments ADS9813 Datasheet HTML 8Page - Texas Instruments ADS9813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated
Analog Front-End
1 Features
• 8-channel, 18-bit ADC with analog front-end:
– Simultaneous sampling
– Constant 1MΩ input impedance front-end
• Programmable analog input ranges:
– ±12V, ±10V, ±7V, ±5V, ±3.5V, and ±2.5V
– Single-ended and differential inputs
– Common-mode voltage range: ±12V
– Input overvoltage protection: Up to ±18V
• User-selectable analog input bandwidth:
– 22.7kHz and 700kHz
• Integrated low-drift precision references:
– ADC reference: 4.096V
– 2.5V reference output for external circuits
• Excellent AC and DC performance at full-
throughput:
– DNL: ±0.35LSB, INL: ±0.8LSB
– SNR: 90.3dBFS, THD: –113dB
• Power supply:
– Analog and digital: 5V and 1.8V
– Digital interface: 1.2V to 1.8V
• Temperature range: –40°C to +125°C
2 Applications
• Semiconductor test
• Programmable DC power supplies
• Parametric measurement units (PMU)
3 Description
The ADS9813 is an eight-channel data acquisition
(DAQ) system based on a simultaneous sampling, 18-
bit successive approximation register (SAR) analog-
to-digital converter (ADC). The ADS9813 features a
complete analog front-end (AFE) for each channel
with an input clamp. The device also features a 1MΩ
input impedance and a programmable gain amplifier
(PGA) with user-selectable bandwidth options. The
high input impedance allows direct connection with
sensors and transformers, thus eliminating the need
for external driver circuits. Configure the ADS9813
to accept ±12V, ±10V, ±7V, ±5V, ±3.5V, and ±2.5V
bipolar inputs with up to ±12V input common-mode
voltage.
A digital interface supporting 1.2V to 1.8V operation
enables the ADS9813 to be used without external
voltage level translators.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
ADS9813, ADS9811,
ADS9810
RSH (VQFN, 56)
7mm × 7mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Device Information
PART NUMBER
SPEED
TOTAL POWER
ADS9813
2MSPS/channel
244mW
ADS9811, ADS9810 1MSPS/channel
177mW
AIN1P
8 CHANNELS
4.096 V
AIN1M
1 M
Clamp
1 M
Clamp
User-
selectable
LPF
PGA
AIN8P
AIN8M
ADC
REFIO
ADC Reference
Data
Interface
User
Registers
DCLKOUT
FCLKOUT
D0
D1
D2
D3
CS
SCLK
SDI / EXTREF
SDO
AVDD_5V = 4.75 V to 5.25 V
VDD_1V8 = 1.75 V to 1.85 V
IOVDD = 1.15 V to 1.85 V
2.5 V
REFOUT_2V5
Bipolar
Differential
Unipolar
Differential with
wide input
common-mode
voltage
Dynamic Input
Signal Support
AINxP and AINxM
PGA
Optimum
SNR for
multiple
ranges
+12V
+10V
+7V
+5V
+3.5V
+2.5V
–12V
–10V
–7V
–5V
–3.5V
–2.5V
Multiple analog input
ranges
Device Block Diagram
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS9813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9813 TI1-ADS9813 Datasheet
2Mb / 57P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
APRIL 2024
ADS9813 TI1-ADS9813 Datasheet
2Mb / 66P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
NOVEMBER 2024
ADS9813 TI1-ADS9813 Datasheet
2Mb / 66P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
NOVEMBER 2024
ADS9813RSHR TI1-ADS9813RSHR Datasheet
2Mb / 66P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
NOVEMBER 2024
ADS9813RSHR TI1-ADS9813RSHR Datasheet
2Mb / 66P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
NOVEMBER 2024
More results

Similar Description - ADS9813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
logo
Maxim Integrated Produc...
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
8-Channel Simultaneous- Sampling Analog Front End
2013
logo
Analog Devices
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
logo
Texas Instruments
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
logo
Maxim Integrated Produc...
REFD5827 MAXIM-REFD5827 Datasheet
660Kb / 10P
Petaluma (MAXREFDES30#): 8-Channel Simultaneous- Sampling Analog Front End
Apr 28, 2014
logo
Texas Instruments
ADS9817 TI-ADS9817 Datasheet
1Mb / 53P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED JANUARY 2023
ADS9817 TI1-ADS9817_V01 Datasheet
1Mb / 57P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
JANUARY 2023
ADS9817 TI1-ADS9817_V02 Datasheet
2Mb / 68P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com