Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 2Page - Texas Instruments ADS9813 Datasheet HTML 3Page - Texas Instruments ADS9813 Datasheet HTML 4Page - Texas Instruments ADS9813 Datasheet HTML 5Page - Texas Instruments ADS9813 Datasheet HTML 6Page - Texas Instruments ADS9813 Datasheet HTML 7Page - Texas Instruments ADS9813 Datasheet HTML 8Page - Texas Instruments ADS9813 Datasheet HTML 9Page - Texas Instruments ADS9813 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVDD_5V
Analog power supply
AVDD_5V to GND
4.75
5
5.25
V
VDD_1V8
Power supply
VDD_1V8 to GND
1.75
1.8
1.85
V
IOVDD
Digital interface power supply
IOVDD to GND
1.15
1.8
1.85
V
REFERENCE VOLTAGE
VREF
Reference voltage to the ADC
External reference
4.088
4.096
4.104
V
ANALOG INPUTS
VFSR
Full-scale input range
RANGE_CHx = 2
–2.5
2.5
V
RANGE_CHx = 1
–3.5
3.5
RANGE_CHx = 0
–5
5
RANGE_CHx = 3
–7
7
RANGE_CHx = 4
–10
10
RANGE_CHx = 5
–12
12
AINxP
Operating input voltage,
positive input
AINxP to GND
–17
17
V
AINxM
Operating input voltage,
negative input
AINxM to GND
–17
17
V
TEMPERATURE RANGE
TA
Ambient temperature
–40
25
125
°C
5.4 Thermal Information
THERMAL METRIC(1)
ADS981x
UNIT
RSH (VQFN)
56 PINS
RθJA
Junction-to-ambient thermal resistance
23.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
10.5
°C/W
RθJB
Junction-to-board thermal resistance
6.1
°C/W
ΨJT
Junction-to-top characterization parameter
0.1
°C/W
ΨJB
Junction-to-board characterization parameter
6.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com