Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 49 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 45Page - Texas Instruments ADS9813 Datasheet HTML 46Page - Texas Instruments ADS9813 Datasheet HTML 47Page - Texas Instruments ADS9813 Datasheet HTML 48Page - Texas Instruments ADS9813 Datasheet HTML 49Page - Texas Instruments ADS9813 Datasheet HTML 50Page - Texas Instruments ADS9813 Datasheet HTML 51Page - Texas Instruments ADS9813 Datasheet HTML 52Page - Texas Instruments ADS9813 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
7.2.16 Register C3h (offset = C3h) [reset = 0h]
Figure 7-47. Register C3h
15
14
13
12
11
10
9
8
RANGE_CH8
RANGE_CH7
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
RANGE_CH6
RANGE_CH5
R/W-0h
R/W-0h
Figure 7-48. Register C3h Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RANGE_CH8
R/W
0h
Select the analog input voltage range.
0 : ±5V
1 : ±3.5V
2 : ±2.5V
3 : ±7V
4 : ±10V
5 : ±12V
11-8
RANGE_CH7
R/W
0h
7-4
RANGE_CH6
R/W
0h
3-0
RANGE_CH5
R/W
0h
Register C4h (offset = C4h) [reset = 0h]
Figure 7-49. Register C4h
15
14
13
12
11
10
9
8
RESERVED
CM_RNG_CH[8:5]
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
CM_RNG_CH[4:1]
AVG_CFG2
CM_EN_
CH[8:5]
CM_EN_
CH[4:1]
AVG_CFG1
PD_CHIP
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Figure 7-50. Register C4h Field Descriptions
Bit
Field
Type
Reset
Description
15-10
RESERVED
R/W
0h
Reserved. Do not change from the default reset value.
9-8
CM_RNG_CH[8:5]
R/W
0h
CM_RNG_CH[4:1] sets the common-mode range for
channels 1, 2, 3, and 4.
CM_RNG_CH[8:5] sets the common-mode range for
channels 5, 6, 7, and 8.
0 : CM range is equal to ±RANGE / 2
1 : CM range is equal to ±6V
2 : CM range is equal to ±12V
7-6
CM_RNG_CH[4:1]
R/W
0h
5-4
AVG_CFG2
R/W
0h
Configuration for simple averaging. See Table 6-10 for
more details.
3
CM_EN_CH[8:5]
R/W
0h
CM_EN_CH[4:1] enables wide common-mode range
control for channels 1 to 4.
CM_EN_CH[8:5] enables the wide common-mode range
control for channels 5 to 8.
0 : Wide common-mode range control disabled
1 : Wide common-mode range control enabled
2
CM_EN_CH[4:1]
R/W
0h
1
AVG_CFG1
R/W
0h
Configuration for simple averaging. See Table 6-10 for
more details.
0
PD_CHIP
R/W
0h
Full chip power-down control.
0 : Normal device operation
1 : Full device powered-down
www.ti.com
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com