Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 35Page - Texas Instruments ADS9813 Datasheet HTML 36Page - Texas Instruments ADS9813 Datasheet HTML 37Page - Texas Instruments ADS9813 Datasheet HTML 38Page - Texas Instruments ADS9813 Datasheet HTML 39Page - Texas Instruments ADS9813 Datasheet HTML 40Page - Texas Instruments ADS9813 Datasheet HTML 41Page - Texas Instruments ADS9813 Datasheet HTML 42Page - Texas Instruments ADS9813 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
7.1.4 Register 04h (offset = 4h) [reset = 0h]
Figure 7-8. Register 04h
15
14
13
12
11
10
9
8
RESERVED
R/W-0h
7
6
5
4
3
2
1
0
RESERVED
INIT_1
R/W-0h
R/W-0h
Figure 7-9. Register 04h Field Descriptions
Bit
Field
Type
Reset
Description
15-4
RESERVED
R/W
0h
Reserved. Do not change from the default reset value.
3-0
INIT_1
R/W
0h
Set to 0011b for normal operation. Refer to section on
Initialization Sequence for more details.
7.1.5 Register 06h (offset = 6h) [reset = 2h]
Figure 7-10. Register 06h
15
14
13
12
11
10
9
8
REG_00H_READBACK
R-0h
7
6
5
4
3
2
1
0
REG_00H_READBACK
R-5h
Figure 7-11. Register 06h Field Descriptions
Bit
Field
Type
Reset
Description
15-0
REG_00H_READ
BACK
R
2h
This register is a copy of the register address 0x00 for
readback.
www.ti.com
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com