Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 3Page - Texas Instruments ADS9813 Datasheet HTML 4Page - Texas Instruments ADS9813 Datasheet HTML 5Page - Texas Instruments ADS9813 Datasheet HTML 6Page - Texas Instruments ADS9813 Datasheet HTML 7Page - Texas Instruments ADS9813 Datasheet HTML 8Page - Texas Instruments ADS9813 Datasheet HTML 9Page - Texas Instruments ADS9813 Datasheet HTML 10Page - Texas Instruments ADS9813 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
5.5 Electrical Characteristics
at AVDD_5V = 4.75V to 5.25V, VDD_1V8 = 1.75V to 1.85V, IOVDD = 1.15V to 1.85V, VREF = 4.096V (external), and
maximum throughput (unless otherwise noted); minimum and maximum values at TA = –40°C to +125°C; typical values at TA
= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
RIN
Input impedance
All input ranges
0.8
1
1.2
MΩ
Input impedance thermal drift
All input ranges
10
30 ppm/°C
Input capacitance
10
pF
ANALOG INPUT FILTER
BW(-3 dB)
Analog input LPF bandwidth
–3 dB
Low-bandwidth filter, all input ranges
22.7
kHz
Wide-bandwidth filter, input range = ±2.5V
221
Wide-bandwidth filter, input range = ±3.5V
325
Wide-bandwidth filter, input range = ±5V
500
Wide-bandwidth filter, input range = ±7V
700
Wide-bandwidth filter, input range = ±10V
691
Wide-bandwidth filter, input range = ±12V
664
DC PERFORMANCE(3) (4)
Resolution
No missing codes
18
Bits
DNL
Differential nonlinearity
Wide CM enabled and disabled, all ranges
–0.99
±0.35
0.99
LSB
INL
Integral nonlinearity
RANGE = ±5V and ±10V, TA = 20℃ to 60℃,
AVDD_5V = 4.9V to 5.1V
ADS9813 and ADS9811
–2
±0.8
2
LSB
All ranges
–4
±0.8
4
Offset error
RANGE = ±5V, ±10V, and ±12V
–75
±15
75
LSB
RANGE = ±3.5V and ±7V
–100
±25
100
RANGE = ±2.5V
–175
±25
175
All other conditions
±50
Offset error thermal drift
All ranges, TA = 0°C to 70°C
0.6
2
ppm/°C
All ranges
0.6
Gain error
All ranges
–0.038
±0.008
0.038
%FSR
Gain error thermal drift
All ranges, TA = 0°C to 70°C
0.6
3
ppm/°C
All ranges
0.6
www.ti.com
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com