Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS9813 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 18Page - Texas Instruments ADS9813 Datasheet HTML 19Page - Texas Instruments ADS9813 Datasheet HTML 20Page - Texas Instruments ADS9813 Datasheet HTML 21Page - Texas Instruments ADS9813 Datasheet HTML 22Page - Texas Instruments ADS9813 Datasheet HTML 23Page - Texas Instruments ADS9813 Datasheet HTML 24Page - Texas Instruments ADS9813 Datasheet HTML 25Page - Texas Instruments ADS9813 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
6.3.1.2 Programmable Gain Amplifier (PGA)
The ADS9813 features a PGA at every analog input channel. The PGA supports single-ended and differential
inputs with a bipolar signal swing. Table 6-1 lists the supported analog input ranges. Configure the analog input
range independently for each channel with the RANGE_CHx register fields in address 0xC2 and address 0xC3.
Table 6-1. Analog Input Ranges
DIFFERENTIAL INPUTS
SINGLE-ENDED INPUTS
RANGE_CHx CONFIGURATION
±12V
±12V
5
±10V
±10V
4
±7V
±7V
3
±5V
±5V
0
±3.5V
±3.5V
1
±2.5V
±2.5V
2
Each analog input channel features an antialiasing, low-pass filter (LPF) at the output of the PGA. Table 6-2
lists the various programmable LPF options available in the ADS9813 corresponding to the analog input range.
Figure 5-12 and Figure 5-13 illustrate the frequency responses for low-bandwidth and wide-bandwidth LPF
configurations. Select the analog input bandwidth for the eight analog input channels with the ANA_BW[7:0] bits
in address 0xC0 of register bank 1.
Table 6-2. Low-Pass Filter Corner Frequency
LPF
ANALOG INPUT RANGE
CORNER FREQUENCY (–3dB)
Low-bandwidth
All input ranges
22.7kHz
Wide-bandwidth
±12V
664kHz
±10V
691kHz
±7V
700kHz
±5V
500kHz
±3.5V
325kHz
±2.5V
221kHz
6.3.1.3 Wide-Common-Mode Voltage Rejection Circuit
The ADS9813 features a common-mode (CM) rejection circuit at the analog inputs that supports CM voltages
up to ±12V. The CM voltage for differential inputs is given by Equation 1. On power-up or after reset, the
common-mode voltage range for the analog input channels is ±12V (CM_CTRL_EN = 0b). In all cases, make
sure the voltage at the analog inputs is within the Absolute Maximum Ratings.
Commonmodevoltage= VoltageonAINP + VoltageonAINM
2
(1)
As described in Table 6-3, optimize the CM voltage rejection circuit for various CM voltages for differential inputs.
Table 6-3. Wide Common-Mode Configuration for Differential Inputs
COMMON-MODE
(CM) RANGE
CM_CTRL_EN
ANALOG INPUT CHANNELS 1–4
ANALOG INPUT CHANNELS 5–8
CM_EN_CH[4:1]
CM_RNG_CH[4:1]
CM_EN_CH[8:5]
CM_RNG_CH[8:5]
CM ≤ ±1V
1
0
Don't care
0
Don't care
CM ≤ ±RANGE / 2
1
0
1
0
CM ≤ ±6V
1
1
CM ≤ ±12V
2
2
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com