Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 117 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM67 Datasheet HTML 113Page - Texas Instruments AM67 Datasheet HTML 114Page - Texas Instruments AM67 Datasheet HTML 115Page - Texas Instruments AM67 Datasheet HTML 116Page - Texas Instruments AM67 Datasheet HTML 117Page - Texas Instruments AM67 Datasheet HTML 118Page - Texas Instruments AM67 Datasheet HTML 119Page - Texas Instruments AM67 Datasheet HTML 120Page - Texas Instruments AM67 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 237 page
background image
Table 6-23. MCU_OSC0 LVCMOS Digital Clock Source Requirements
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Frequency
25
MHz
Frequency Stability and Tolerance
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
DC
Duty Cycle
45
55
%
tR/F
Rise/Fall Time (10%-90% rise, 90%-10% fall)
4(1)
ns
JPeriod(RMS)
Period Jitter, RMS (100k samples)
20
ps
JPeriod(PK-PK) Period Jitter, Peak to Peak (100k samples)
300
ps
JPhase(RMS)
Phase Jitter, RMS (BW 100Hz to 1MHz)
10(2)
ps
(1)
Most LVCMOS oscillator datasheets define their maximum Output Rise/Fall times with a capacitive load much larger than the actual
load that will be applied by the combined PCB trace capacitance and MCU_OSC0_XI input capacitance. It should not be difficult to
find a LVCMOS oscillator that meets this requirement. However, the system designer must confirm the LVCMOS oscillator selected will
provide the appropriate rise/fall time to MCU_OSC0_XI input.
(2)
Most LVCMOS oscillator datasheets define their max RMS Phase Jitter using a larger bandwidth integration range than required by
this device. To get a more appropriate value, it may be necessary to contact the LVCMOS oscillator manufacture and ask them to
provide a maximum RMS Phase Jitter using the same bandwidth integration range that has been defined for this parameter.
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
117
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com