Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 120 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM67 Datasheet HTML 116Page - Texas Instruments AM67 Datasheet HTML 117Page - Texas Instruments AM67 Datasheet HTML 118Page - Texas Instruments AM67 Datasheet HTML 119Page - Texas Instruments AM67 Datasheet HTML 120Page - Texas Instruments AM67 Datasheet HTML 121Page - Texas Instruments AM67 Datasheet HTML 122Page - Texas Instruments AM67 Datasheet HTML 123Page - Texas Instruments AM67 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 237 page
background image
6.9.4.1.4 WKUP_LFOSC0 LVCMOS Digital Clock Source
Figure 6-24 shows the recommended oscillator connections when WKUP_LFOSC0_XI is connected to a 1.8V
LVCMOS square-wave digital clock source.
Device
WKUP_LFOSC0_XO
WKUP_LFOSC0_XI
AM62x_MCU_OSC_EXT_CLK_03
PCB Ground
Figure 6-24. 1.8V LVCMOS-Compatible Clock Input
6.9.4.1.5 WKUP_LFOSC0 Not Used
Figure 6-25 shows the recommended oscillator connections when WKUP_LFOSC0 is not used.
Device
PCB Ground
NC
WKUP_LFOSC0_XO
WKUP_LFOSC0_XI
Figure 6-25. WKUP_LFOSC0 Not Used
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
120
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com