Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 124 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM67 Datasheet HTML 120Page - Texas Instruments AM67 Datasheet HTML 121Page - Texas Instruments AM67 Datasheet HTML 122Page - Texas Instruments AM67 Datasheet HTML 123Page - Texas Instruments AM67 Datasheet HTML 124Page - Texas Instruments AM67 Datasheet HTML 125Page - Texas Instruments AM67 Datasheet HTML 126Page - Texas Instruments AM67 Datasheet HTML 127Page - Texas Instruments AM67 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 237 page
background image
NO.
MODE
MIN
MAX UNIT
D9
tw(bwsH)
Pulse Duration, ATL_BWS[x] high(3)
External reference
clock
0.45 × B(2) + 2.5
ns
(1)
M = ATL_CLK[x] period
(2)
B = ATL_BWS[x] period
(3)
x = 0 to 3
6.9.5.1.4 ATCLK[x] Switching Characteristics
NO.
PARAMETER
MODE
MIN
MAX UNIT
D10 tc(atclk)
Cycle time, ATCLK[x](3)
Internal reference
CLK
20
ns
D11 tw(atclkL)
Pulse Duration, ATCLK[x] low(3)
Internal reference
CLK
0.45 × P(2) - M(1) - 0.3
ns
D12 tw(atclkH)
Pulse Duration, ATCLK[x] high(3)
Internal reference
CLK
0.45 × P(2) - M(1) - 0.3
ns
(1)
M = ATL_CLK[x] period
(2)
P = ATCLK[x] period
(3)
x = 0 to 3
ATCLK[x]
D12
D11
D10
atl_01
Figure 6-26. ATCLK[x] Timing
6.9.5.2 CPSW3G
For more details about features and additional description information on the device Gigabit Ethernet MAC, see
the corresponding subsections within Signal Descriptions and Detailed Description sections.
6.9.5.2.1 CPSW3G MDIO Timing
Table 6-28, Table 6-29, Table 6-30, and Figure 6-27 present timing conditions, timing requirements, and
switching characteristics for CPSW3G MDIO.
Table 6-28. CPSW3G MDIO Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
10
470
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
0
5
ns
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
1
ns
Table 6-29. CPSW3G MDIO Timing Requirements
see Figure 6-27
NO.
PARAMETER
MIN
MAX
UNIT
MDIO1 tsu(MDIO_MDC)
Setup time, MDIO[x]_MDIO valid before MDIO[x]_MDC high
45
ns
MDIO2 th(MDC_MDIO)
Hold time, MDIO[x]_MDIO valid after MDIO[x]_MDC high
0
ns
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
124
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com