Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 177 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 177 Page - Texas Instruments

Back Button AM67 Datasheet HTML 173Page - Texas Instruments AM67 Datasheet HTML 174Page - Texas Instruments AM67 Datasheet HTML 175Page - Texas Instruments AM67 Datasheet HTML 176Page - Texas Instruments AM67 Datasheet HTML 177Page - Texas Instruments AM67 Datasheet HTML 178Page - Texas Instruments AM67 Datasheet HTML 179Page - Texas Instruments AM67 Datasheet HTML 180Page - Texas Instruments AM67 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 237 page
background image
6.9.5.18.1 MMC0 - eMMC Interface
MMC0 interface is compliant with the JEDEC eMMC electrical standard v5.1 (JESD84-B51) and it supports the
following eMMC applications:
• Legacy SDR
• High Speed SDR
• High Speed DDR
• HS200
• HS400
Table 6-81 presents the required DLL software configuration settings for MMC0 timing modes.
Table 6-81. MMC0 DLL Delay Mapping for all Timing Modes
REGISTER NAME
MMCSD0_SS_PHY_CTRL_x_REG
x = 4
x = 5
x = 1
BIT FIELD
[31:24]
[20]
[15:12]
[8]
[4:0]
[17:16]
[10:8]
[2:0]
[1]
BIT FIELD NAME
STRBSEL
OTAPDLYENA
OTAPDLYSEL
ITAPDLYENA
ITAPDLYSEL
SELDLYTXCLK
SELDLYRXCLK
FRQSEL
CLKBUFSEL
ENDLL
MODE
DESCRIPTION
STROBE
DELAY
OUTPUT
DELAY
ENABLE
OUTPUT
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DLL
DELAY CHAIN
SELECT
DLL REF
FREQUENCY
DELAY
BUFFER
DURATION
ENABLE
DLL
Legacy
SDR
8-bit PHY
operating 1.8V,
25MHz
0x0
0x1
0x1
0x1
0x10
0x3
NA(1)
0x7
0x0
High
Speed
SDR
8-bit PHY
operating 1.8V,
50MHz
0x0
0x1
0x1
0x1
0xA
0x3
NA(1)
0x7
0x0
High
Speed
DDR
8-bit PHY
operating 1.8V,
50MHz
0x0
0x1
0x6
0x1
0x3
0x0
0x4
NA(1)
0x1
HS200
8-bit PHY
operating 1.8V,
200MHz
0x0
0x1
0x8
0x1
Tuning(2)
0x0
0x0
NA(1)
0x1
HS400
8-bit PHY
operating 1.8V,
200MHz
0x77
0x1
0x5
0x1
Tuning(2)
0x0
0x0
NA(1)
0x1
(1)
NA means Not Applicable
(2)
Tuning means this mode requires a tuning algorithm to be used for optimal input timing
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
177
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com