Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9245 Datasheet HTML 2Page - Analog Devices AD9245 Datasheet HTML 3Page - Analog Devices AD9245 Datasheet HTML 4Page - Analog Devices AD9245 Datasheet HTML 5Page - Analog Devices AD9245 Datasheet HTML 6Page - Analog Devices AD9245 Datasheet HTML 7Page - Analog Devices AD9245 Datasheet HTML 8Page - Analog Devices AD9245 Datasheet HTML 9Page - Analog Devices AD9245 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9245
Rev. D | Page 6 of 32
AVDD = 3 V, DRVDD = 2.5 V, sample rate = 80 MSPS, 2 V p-p differential input, 1.0 V external reference, AIN = –0.5 dBFS, DCS off,
unless otherwise noted.
Table 4.
AD9245BCP-80
Parameter
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
71.1
73.3
dB
fIN = 40 MHz
72.7
dB
fIN = 70 MHz
70.5
71.7
dB
fIN = 100 MHz
70.2
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.4 MHz
70.7
73.2
dB
fIN = 40 MHz
72.5
dB
fIN = 70 MHz
69.9
71.2
dB
fIN = 100 MHz
69.6
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
11.5
11.9
Bits
fIN = 40 MHz
11.8
Bits
fIN = 70 MHz
11.3
11.5
Bits
fIN = 100 MHz
11.3
Bits
WORST HARMONIC (SECOND OR THIRD)
fIN = 2.4 MHz
−92.8
–76.5
dBc
fIN = 40 MHz
–87.6
dBc
fIN = 70 MHz
−81.6
–75.7
dBc
fIN = 100 MHz
–79.0
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
76.5
92.8
dBc
fIN = 40 MHz
87.6
dBc
fIN = 70 MHz
75.7
81.6
dBc
fIN = 100 MHz
79.0
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com