Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9245 Datasheet HTML 14Page - Analog Devices AD9245 Datasheet HTML 15Page - Analog Devices AD9245 Datasheet HTML 16Page - Analog Devices AD9245 Datasheet HTML 17Page - Analog Devices AD9245 Datasheet HTML 18Page - Analog Devices AD9245 Datasheet HTML 19Page - Analog Devices AD9245 Datasheet HTML 20Page - Analog Devices AD9245 Datasheet HTML 21Page - Analog Devices AD9245 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9245
Rev. D | Page 18 of 32
THEORY OF OPERATION
The AD9245 architecture consists of a front-end sample-and-
hold amplifier (SHA) followed by a pipelined switched capacitor
ADC. The pipelined ADC is divided into three sections
consisting of a 4-bit first stage followed by eight 1.5-bit stages,
and a final 3-bit flash. Each stage provides sufficient overlap to
correct for flash errors in the preceding stages. The quantized
outputs from each stage are combined into a final 14-bit result
in the digital correction logic. The pipelined architecture
permits the first stage to operate on a new input sample, while
the remaining stages operate on preceding samples. Sampling
occurs on the rising edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor DAC
and interstage residue amplifier (MDAC). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage simply consists of a flash ADC.
The input stage contains a differential SHA that can be
ac-coupled or dc-coupled in differential or single-ended modes.
The output staging block aligns the data, carries out the error
correction, and passes the data to the output buffers. The output
buffers are powered from a separate supply, allowing adjustment of
the output voltage swing. During power-down, the output
buffers go into a high impedance state.
ANALOG INPUT AND REFERENCE OVERVIEW
The analog input to the AD9245 is a differential switched-
capacitor SHA that has been designed for optimum performance
while processing a differential input signal. The SHA input can
support a wide common-mode range (VCM) and maintain
excellent performance, as shown in Figure 38. An input
common-mode voltage of midsupply minimizes signal-
dependent errors and provides optimum performance.
COMMON-MODE LEVEL (V)
0.5
1.0
1.5
2.0
2.5
50
100
95
90
85
80
75
70
65
60
55
3.0
SFDR (2.5MHz)
SFDR (39MHz)
SNR (2.5MHz)
SNR (39MHz)
Figure 38. AD9245-80 SNR/SFDR vs. Common-Mode Level
Referring to Figure 39, the clock signal alternately switches the
SHA between sample mode and hold mode. When the SHA is
switched into sample mode, the signal source must be capable
of charging the sample capacitors and settling within one-half
of a clock cycle. A small resistor in series with each input can
help reduce the peak transient current required from the output
stage of the driving source. In addition, a small shunt capacitor
can be placed across the inputs to provide dynamic charging
currents. This passive network creates a low-pass filter at the
ADC’s input; therefore, the precise values are dependent upon
the application. In IF undersampling applications, any shunt
capacitors should be reduced or removed. In combination with
the driving source impedance, they would limit the input
bandwidth.
H
H
VIN+
VIN–
CPAR
CPAR
T
T
5pF
5pF
T
T
Figure 39. Switched-Capacitor SHA Input
For best dynamic performance, the source impedances driving
VIN+ and VIN– should be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC.
An internal differential reference buffer creates positive and
negative reference voltages, REFT and REFB, that define the
span of the ADC core. The output common mode of the
reference buffer is set to midsupply, and the REFT and REFB
voltages and span are defined as:
REFT = ½ (AVDD + VREF)
REFB = ½ (AVDD − VREF)
Span = 2 × (REFT − REFB) = 2 × VREF
The previous equations show that the REFT and REFB voltages
are symmetrical about the midsupply voltage, and, by definition,
the input span is twice the value of the VREF voltage.
The internal voltage reference can be pin strapped to fixed
values of 0.5 V or 1.0 V, or adjusted within the same range as
discussed in the Internal Reference Connection section.
Maximum SNR performance is achieved with the AD9245 set
to the largest input span of 2 V p-p. The relative SNR degradation
is 3 dB when changing from 2 V p-p mode to 1 V p-p mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com