Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9245 Datasheet HTML 10Page - Analog Devices AD9245 Datasheet HTML 11Page - Analog Devices AD9245 Datasheet HTML 12Page - Analog Devices AD9245 Datasheet HTML 13Page - Analog Devices AD9245 Datasheet HTML 14Page - Analog Devices AD9245 Datasheet HTML 15Page - Analog Devices AD9245 Datasheet HTML 16Page - Analog Devices AD9245 Datasheet HTML 17Page - Analog Devices AD9245 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9245
Rev. D | Page 14 of 32
FREQUENCY (MHz)
0
5
10
15
20
25
30
35
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
40
AIN = –6.5dBFS
SNR = 73.4dBFS
SFDR = 86.0dBFS
Figure 14. Two-Tone 8K FFT @ 30 MHz and 31 MHz
FREQUENCY (MHz)
0
5
10
15
20
25
30
35
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
40
AIN = –6.5dBFS
SNR = 72.7dBFS
SFDR = 78.8dBFS
Figure 15. Two-Tone 8K FFT @ 69 MHz and 70 MHz
CODE
0
2048
4096
6144
8192
10240
12288
14336
–1.5
1.5
1.0
0.5
0
–0.5
–1.0
16384
Figure 16. Typical INL
INPUT AMPLITUDE (dBFS)
–30
–27
–24
–21
–18
–15
–12
–9
40
100
90
80
70
60
50
–6
SFDR = 90dBc
REFERENCE LINE
SFDR (dBFS)
SFDR (dBc)
SNR (dBFS)
SNR (dBc)
Figure 17. Two-Tone SNR/SFDR vs. Input Amplitude @ 30 MHz and 31 MHz
INPUT AMPLITUDE (dBFS)
–30
–27
–24
–21
–18
–15
–12
–9
40
100
90
80
70
60
50
–6
SFDR = 90dBc
REFERENCE LINE
SFDR (dBFS)
SFDR (dBc)
SNR (dBFS)
SNR (dBc)
Figure 18. Two-Tone SNR/SFDR vs. Input Amplitude @ 69 MHz and 70 MHz
CODE
0
2048
4096
6144
8192
10240
12288
14336
–1.0
1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
16384
Figure 19. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com