Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9245 Datasheet HTML 18Page - Analog Devices AD9245 Datasheet HTML 19Page - Analog Devices AD9245 Datasheet HTML 20Page - Analog Devices AD9245 Datasheet HTML 21Page - Analog Devices AD9245 Datasheet HTML 22Page - Analog Devices AD9245 Datasheet HTML 23Page - Analog Devices AD9245 Datasheet HTML 24Page - Analog Devices AD9245 Datasheet HTML 25Page - Analog Devices AD9245 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9245
Rev. D | Page 22 of 32
10
μF
+
0.1
μF
VREF
SENSE
R2
R1
0.5V
AD9245
VIN–
VIN+
REFT
0.1
μF
0.1
μF
10
μF
0.1
μF
REFB
SELECT
LOGIC
ADC
CORE
+
Figure 47. Programmable Reference Configuration
EXTERNAL REFERENCE OPERATION
The use of an external reference can be necessary to enhance
the gain accuracy of the ADC or improve thermal drift char-
acteristics. When multiple ADCs track one another, a single
reference (internal or external) can be necessary to reduce
gain matching errors to an acceptable level. Figure 48 shows
the typical drift characteristics of the internal reference in both
1.0 V and 0.5 V modes.
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7 kΩ load. The internal buffer still generates the positive and
negative full-scale references, REFT and REFB, for the ADC
core. The input span is always twice the value of the reference
voltage; therefore, the external reference must be limited to a
maximum of 1.0 V.
TEMPERATURE (°C)
–40
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
80
70
60
50
40
30
20
10
0
–10
–20
–30
VREF = 0.5V
VREF = 1.0V
Figure 48. Typical VREF Drift
OPERATIONAL MODE SELECTION
As discussed earlier, the AD9245 can output data in either
offset binary or twos complement format. There is also a
provision for enabling or disabling the clock DCS. The
MODE pin is a multilevel input that controls the data format
and DCS state. The input threshold values and corresponding
mode selections are outlined in Table 11.
Table 11. Mode Selection
MODE Voltage
Data Format
Duty Cycle Stabilizer
AVDD
Twos Complement
Disabled
2/3 AVDD
Twos Complement
Enabled
1/3 AVDD
Offset Binary
Enabled
AGND (Default)
Offset Binary
Disabled
EVALUATION BOARD
The AD9245 evaluation board provides the support circuitry
required to operate the ADC in its various modes and
configurations. Complete schematics and layout plots follow
and demonstrate the proper routing and grounding techniques
that should be applied at the system level.
It is critical that signal sources with very low phase noise
(<1 ps rms jitter) be used to realize the ultimate performance of
the converter. Proper filtering of the input signal, to remove
harmonics and lower the integrated noise at the input, is also
necessary to achieve the specified noise performance.
The AD9245 can be driven single-ended or differentially
through a transformer. Separate power pins are provided to
isolate the DUT from the support circuitry. Each input
configuration can be selected by proper connection of
various jumpers (refer to the schematics).
An alternative differential analog input path using an
AD8351 op amp is included in the layout but is not populated
in production. Designers interested in evaluating the op amp
with the ADC should remove C15, R12, and R3 and populate
the op amp circuit. The passive network between the AD8351
outputs and the AD9245 allows the user to optimize the
frequency response of the op amp for the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com