Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9245 Datasheet HTML 24Page - Analog Devices AD9245 Datasheet HTML 25Page - Analog Devices AD9245 Datasheet HTML 26Page - Analog Devices AD9245 Datasheet HTML 27Page - Analog Devices AD9245 Datasheet HTML 28Page - Analog Devices AD9245 Datasheet HTML 29Page - Analog Devices AD9245 Datasheet HTML 30Page - Analog Devices AD9245 Datasheet HTML 31Page - Analog Devices AD9245 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9245
Rev. D | Page 28 of 32
Table 12. LFCSP Evaluation Board Bill of Materials
Item Qty. Omit1 Reference Designator
Device
Package
Value
Recommended
Vendor/Part No.
Supplied
by ADI
18
C1, C5, C7, C8, C9, C11, C12,
C13, C15, C16, C31, C33, C34,
C36, C37, C41, C43, C47
1
8
C6, C17, C18, C27,
C28, C35, C45, C44
Chip Capacitors
0603
0.1 μF
8
C2, C3, C4, C10, C20,
C22, C25, C29
2
2
C24, C46
Tantalum Capacitors
TAJC
10 μF
3
8
C14, C30, C32, C38,
C39, C40, C48, C49
Chip Capacitors
0603
0.001 μF
4
1
C19
Chip Capacitors
0603
20 pF
1
C26
5
2
C21, C23
Chip Capacitors
0603
10 pF
9
E31, E35, E43, E44,
E50, E51, E52, E53
6
2
E1, E45
Headers
EHOLE
Jumper Blocks
7
2
J1, J2
SMA Connectors/50 Ω
SMA
8
1
L1
Inductor
0603
10 nH
Coilcraft/
0603CS-10NXGBU
9
1
P2
Terminal Block
TB6
Wieland/25.602.2653.0,
z5-530-0625-0
10
1
P12
Header Dual 20-Pin RT Angle
HEADER40
Digi-Key S2131-20-ND
5
R3, R12, R23, R28, Rx
11
6
R16, R17, R22, R27, R42, R37
Chip Resistors
0603
0 Ω
12
2
R4, R15
Chip Resistors
0603
33 Ω
13
14
R5, R6, R7, R8, R13, R20, R21,
R24, R25, R26, R30, R31, R32, R36
Chip Resistors
0603
1 kΩ
14
2
R10, R11
Chip Resistors
0603
36 Ω
1
R29
15
1
R19
Chip Resistors
0603
50 Ω
16
2
RP1, RP2
Resistor Packs
R_742
220 Ω
Digi-Key
CTS/742C163221JTR
17
1
T1
ADT1-1WT
AWT1-1T
Mini-Circuits
18
1
U1
74LVTH162374 CMOS Register TSSOP-48
19
1
U4
AD9245BCP ADC (DUT)
LFCSP-32
Analog Devices, Inc.
X
20
1
U5
74VCX86M
SOIC-14
Fairchild
21
1
PCB
AD92XXBCP/PCB
PCB
Analog Devices, Inc.
X
22
1
U3
AD8351 Op Amp
MSOP-8
Analog Devices, Inc.
X
23
1
T2
M/A-COM Transformer
ETC1-1-13 1-1 TX
M/A-COM/ETC1-1-13
24
5
R1, R2, R9, R38, R39
Chip Resistors
0603
SELECT
25
3
R14, R18, R35
Chip Resistors
0603
25 Ω
26
2
R40, R41
Chip Resistors
0603
10 kΩ
27
1
R34
Chip Resistor
1.2 kΩ
28
1
R33
Chip Resistor
25 Ω
Total 81
35
1 These items are included in the PCB design, but are omitted at assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com