Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9245 Datasheet HTML 13Page - Analog Devices AD9245 Datasheet HTML 14Page - Analog Devices AD9245 Datasheet HTML 15Page - Analog Devices AD9245 Datasheet HTML 16Page - Analog Devices AD9245 Datasheet HTML 17Page - Analog Devices AD9245 Datasheet HTML 18Page - Analog Devices AD9245 Datasheet HTML 19Page - Analog Devices AD9245 Datasheet HTML 20Page - Analog Devices AD9245 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9245
Rev. D | Page 17 of 32
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
2048
4096
6144
8192
10240
12288
14336
16384
CODE
Figure 32. AD9245-20 Typical INL
0
–20
–40
–60
–80
–100
–120
0
123
45
6
7
8
9
10
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 73.4dBc
ENOB = 11.9 BITS
SFDR = 95.0dBc
Figure 33. AD9245-20 Single Tone 16K FFT @ 5 MHz
75
70
65
60
55
50
1
10
100
INPUT FREQUENCY (MHz)
–0.5dBFS
–6dBFS
–20dBFS
Figure 34. AD9245-20 SINAD vs. Input Frequency
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
2048
4096
6144
8192
10240
12288
14336
16384
CODE
Figure 35. AD9245-20 Typical DNL
0
–20
–40
–60
–80
–100
–120
0
12345
6
7
8
9
10
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 73.3dBc
ENOB = 11.9 BITS
SFDR = 92.6dBc
Figure 36. AD9245-20 Single Tone 16K FFT @ 9.7 MHz
N–3
N–2
N–1
N
N+1
N+2
N+3
CODE
253625
1755666
7281624
7996189
3167101
547498
10004707
Figure 37. AD9245-20 Grounded-Input Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com