Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9245 Datasheet HTML 15Page - Analog Devices AD9245 Datasheet HTML 16Page - Analog Devices AD9245 Datasheet HTML 17Page - Analog Devices AD9245 Datasheet HTML 18Page - Analog Devices AD9245 Datasheet HTML 19Page - Analog Devices AD9245 Datasheet HTML 20Page - Analog Devices AD9245 Datasheet HTML 21Page - Analog Devices AD9245 Datasheet HTML 22Page - Analog Devices AD9245 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9245
Rev. D | Page 19 of 32
The SHA can be driven from a source that keeps the signal
peaks within the allowable range for the selected reference
voltage. The minimum and maximum common-mode input
levels are defined as
2
VREF
VCM MIN =
()
2
VREF
AVDD
VCM MAX
+
=
The minimum common-mode input level allows the AD9245 to
accommodate ground referenced inputs.
Although optimum performance is achieved with a differential
input, a single-ended source can be applied to VIN+ or VIN–.
In this configuration, one input accepts the signal, while the
opposite input is set to midscale by connecting it to an
appropriate reference. For example, a 2 V p-p signal can be
applied to VIN+ while a 1 V reference is applied to VIN–. The
AD9245 then accepts an input signal varying between 2 V and
0 V. In the single-ended configuration, distortion performance
can degrade significantly as compared to the differential case.
However, the effect is less noticeable at lower input frequencies.
Differential Input Configurations
As previously detailed, optimum performance is achieved while
driving the AD9245 in a differential input configuration. For
baseband applications, the AD8351 differential driver provides
excellent performance and a flexible interface to the ADC. The
output common-mode voltage of the AD8351 is easily set to
AVDD/2, and the driver can be configured in a Sallen-Key filter
topology to provide band limiting of the input signal.
AD9245
VIN+
VIN–
AGND
AVDD
2V p-p
33
Ω
33
Ω
20pF
AD8351
1k
Ω
1k
Ω
0.1
μF
0.1
μF
0.1
μF
1.2k
Ω
25
Ω
0.1
μF
25
Ω
50
Ω
Figure 40. Differential Input Configuration Using the AD8351
At input frequencies in the second Nyquist zone and above, the
performance of most amplifiers is not adequate to achieve the
true performance of the AD9245. This is especially true in IF
undersampling applications where frequencies in the 70 MHz to
100 MHz range are being sampled. For these applications,
differential transformer coupling is the recommended input
configuration. The value of the shunt capacitor is dependent on
the input frequency and source impedance and should be
reduced or removed. An example is shown in Figure 41.
AD9245
VIN+
VIN–
AVDD
AGND
33
Ω
33
Ω
20pF
49.9
Ω
1k
Ω
1k
Ω
0.1
μF
2V p-p
Figure 41. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few MHz, and excessive signal power can also cause
core saturation, which leads to distortion.
Single-Ended Input Configuration
A single-ended input can provide adequate performance in
cost-sensitive applications. In this configuration, there is a
degradation in SFDR and distortion performance due to the
large input common-mode swing (see Figure 13). However, if
the source impedances on each input are matched, there should
be little effect on SNR performance. Figure 42 details a typical
single-ended input configuration.
AD9245
VIN+
VIN–
AVDD
AGND
2V p-p
33
Ω
33
Ω
20pF
49.9
Ω
1k
Ω
1k
Ω
0.33
μF
10
μF
0.1
μF
1k
Ω
1k
Ω
+
Figure 42. Single-Ended Input Configuration
CLOCK INPUT CONSIDERATIONS
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals, and as a result can be sensitive
to clock duty cycle. Commonly a 5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD9245-80 and AD9245-65 contain a clock duty cycle
stabilizer (DCS) that retimes the nonsampling edge, providing an
internal clock signal with a nominal 50% duty cycle. This allows a
wide range of clock input duty cycles without affecting the
performance of the AD9245. As shown in Figure 21, noise and
distortion performance is nearly flat for a 30% to 70% duty cycle
with the DCS on.
The duty cycle stabilizer uses a delay-locked loop (DLL) to
create the nonsampling edge. As a result, any changes to the
sampling frequency require approximately 100 clock cycles to
allow the DLL to acquire and lock to the new rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com