Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9245 Datasheet HTML 3Page - Analog Devices AD9245 Datasheet HTML 4Page - Analog Devices AD9245 Datasheet HTML 5Page - Analog Devices AD9245 Datasheet HTML 6Page - Analog Devices AD9245 Datasheet HTML 7Page - Analog Devices AD9245 Datasheet HTML 8Page - Analog Devices AD9245 Datasheet HTML 9Page - Analog Devices AD9245 Datasheet HTML 10Page - Analog Devices AD9245 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9245
Rev. D | Page 7 of 32
DIGITAL SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, 1.0 V internal reference, unless otherwise noted.
Table 5.
AD9245BCP-20/AD9245BCP-40/AD9245BCP-65/AD9245BCP-801
Parameter
Min
Typ
Max
Unit
LOGIC INPUTS (CLK, PDWN)
High Level Input Voltage
2.0
V
Low Level Input Voltage
0.8
V
High Level Input Current
–10
+10
μA
Low Level Input Current
–10
+10
μA
Input Capacitance
2
pF
DIGITAL OUTPUT BITS (D0 to D13, OTR)2
DRVDD = 3.3 V
High Level Output Voltage (IOH = 50 μA)
3.29
V
High Level Output Voltage (IOH = 0.5 mA)
3.25
V
Low Level Output Voltage (IOH = 1.6 mA)
0.2
V
Low Level Output Voltage (IOH = 50 μA)
0.05
V
DRVDD = 2.5 V
High Level Output Voltage (IOH = 50 μA)
2.49
V
High Level Output Voltage (IOH = 0.5 mA)
2.45
V
Low Level Output Voltage (IOH = 1.6 mA)
0.2
V
Low Level Output Voltage (IOH = 50 μA)
0.05
V
1 AD9245BCP-80 performance measured with 1.0 V external reference.
2 Output voltage levels measured with 5 pF load on each output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com