Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9245 Datasheet HTML 11Page - Analog Devices AD9245 Datasheet HTML 12Page - Analog Devices AD9245 Datasheet HTML 13Page - Analog Devices AD9245 Datasheet HTML 14Page - Analog Devices AD9245 Datasheet HTML 15Page - Analog Devices AD9245 Datasheet HTML 16Page - Analog Devices AD9245 Datasheet HTML 17Page - Analog Devices AD9245 Datasheet HTML 18Page - Analog Devices AD9245 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9245
Rev. D | Page 15 of 32
INPUT FREQUENCY (MHz)
0
25
50
75
100
65
75
–40
°C
+85
°C
74
73
72
71
70
69
68
67
66
125
+25
°C
Figure 20. SNR vs. Input Frequency
DUTY CYCLE (%)
30
35
40
45
50
55
60
65
70
90
88
86
84
82
80
78
76
74
72
70
SNR (DCS ON)
SNR (DCS OFF)
SFDR (DCS ON)
SFDR (DCS OFF)
Figure 21. SNR/SFDR vs. Clock Duty Cycle
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
9.6
19.2
28.8
38.4
FREQUENCY (MHz)
Figure 22. 32K FFT WCDMA Carrier @ FIN = 96 MHz; Sample Rate = 76.8 MSPS
INPUT FREQUENCY (MHz)
0
25
50
75
100
70
100
95
90
85
80
75
125
–40
°C
+25
°C
+85
°C
Figure 23. SFDR vs. Input Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
9.6
19.2
28.8
38.4
FREQUENCY (MHz)
Figure 24. Two 32K FFT CDMA-2000 Carriers @
FIN = 46.08 MHz; Sample Rate = 61.44 MSPS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
9.6
19.2
28.8
38.4
FREQUENCY (MHz)
Figure 25. Two 32K FFT WCDMA Carriers @
FIN = 76.8 MHz; Sample Rate = 61.44 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com