Electronic Components Datasheet Search
  English  ▼

X  

AD9245 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9245
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9245 Datasheet HTML 12Page - Analog Devices AD9245 Datasheet HTML 13Page - Analog Devices AD9245 Datasheet HTML 14Page - Analog Devices AD9245 Datasheet HTML 15Page - Analog Devices AD9245 Datasheet HTML 16Page - Analog Devices AD9245 Datasheet HTML 17Page - Analog Devices AD9245 Datasheet HTML 18Page - Analog Devices AD9245 Datasheet HTML 19Page - Analog Devices AD9245 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD9245
Rev. D | Page 16 of 32
0
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 72.7dBc
ENOB = 11.7 BITS
SFDR = 81.3dBc
Figure 26. AD9245-65 Single Tone 16K FFT @ 35 MHz
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
2048
4096
6144
8192
10240
12288
14336
16384
CODE
Figure 27. AD9245-65 Typical INL
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
2048
4096
6144
8192
10240
12288
14336
16384
CODE
Figure 28. AD9245-40 Typical INL
0
–20
–40
–60
–80
–100
–120
0
246
8
10
12
14
16
18
20
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 73.4dBc
ENOB = 11.9 BITS
SFDR = 88.3dBc
Figure 29. AD9245-40 Single Tone 16K FFT @ 19.7 MHz
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
2048
4096
6144
8192
10240
12288
14336
16384
CODE
Figure 30. AD9245-65 Typical DNL
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
2048
4096
6144
8192
10240
12288
14336
16384
CODE
Figure 31. AD9245-40 Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com