Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Timing Conditions 1 for M68-Type for Parallel Mode, Write
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tCYCLE
Enable Cycle Time
4.5V~5.5V
E
­® E­
500
¾¾
ns
2.7V~4.5V
1000
¾¾
ns
PWEH
Enable Pulse Width High
4.5V~5.5V
E
230
¾¾
ns
2.7V~4.5V
450
¾¾
ns
PWEL
Enable Pulse Width Low
4.5V~5.5V
E
230
¾¾
ns
2.7V~4.5V
450
¾¾
ns
tAS
((RS), (R, W), (CS))
¾ (E)
Setup Time
4.5V~5.5V
RS, R, W, CS
® E­
20
¾¾
ns
2.7V~4.5V
60
¾¾
ns
tAH
((RS), (R, W))
¾ (E)
Hold Time
4.5V~5.5V
E
¯® RS, R, W
10
¾¾
ns
2.7V~4.5V
20
¾¾
ns
tCH
(CS)
¾ (E) Hold Time
4.5V~5.5V
E
¯® CS
20
¾¾
ns
2.7V~4.5V
40
¾¾
ns
tDS
Write Data Setup Time
4.5V~5.5V
Data
® E­
80
¾¾
ns
2.7V~4.5V
195
¾¾
ns
tDH
Write Data Hold Time
4.5V~5.5V
E
¯® Data
10
¾¾
ns
2.7V~4.5V
10
¾¾
ns
tWRE
Reset Pulse Width
4.5V~5.5V
¾
500
¾¾
ns
2.7V~4.5V
500
¾¾
ns
M68-Type for Parallel Mode, Read
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tCYCLE
Enable Cycle Time
4.5V~5.5V
E
­® E­
500
¾¾
ns
2.7V~4.5V
1000
¾¾
ns
PWEH
Enable Pulse Width High
4.5V~5.5V
E
230
¾¾
ns
2.7V~4.5V
450
¾¾
ns
PWEL
Enable Pulse Width Low
4.5V~5.5V
E
230
¾¾
ns
2.7V~4.5V
450
¾¾
ns
tAS
((RS), (R, W), (CS))
¾ (E)
Setup Time
4.5V~5.5V
RS, R, W, CS
® E­
20
¾¾
ns
2.7V~4.5V
60
¾¾
ns
tAH
((RS), (R, W))
¾ (E)
Hold Time
4.5V~5.5V
E
¯® RS, R, W
10
¾¾
ns
2.7V~4.5V
30
¾¾
ns
tCH
(CS)
¾ (E) Hold Time
4.5V~5.5V
E
¯® CS
20
¾¾
ns
2.7V~4.5V
40
¾¾
ns
tDD
Read Data Setup Time
4.5V~5.5V
Data
® E­
¾¾
160
ns
2.7V~4.5V
¾¾
360
ns
tDHr
Read Data Hold Time
4.5V~5.5V
E
¯® Data
5
¾¾
ns
2.7V~4.5V
5
¾¾
ns
HT16514
Rev. 1.00
14
October 4, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com