Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Display ON/OFF
This instruction selects whether the display and cursor are on or off and selects whether or not the character at the cur-
rent cursor position blinks. The DDRAM, CGRAM, and cursor position are not affected by this instruction.
· D=0: The display is off (display blank).
· D=1: The display is on (contents of the DDRAM is displayed).
· C=0: The cursor is off.
· C=1: The cursor is on (8th rows of pixels).
· B=0: The blinking character function is disabled.
· B=1: The blinking character function is enabled
Note:
A character with all pixels on will alternate with the character displayed at the current cursor position at a 1Hz
rate with a 50% duty cycle.
When resetting
Cursor or Display Shift
This instruction shifts the display and/or moves the cursor to the left or right, without reading or writing to the DDRAM.
²S/C² bit selects movement of the cursor or movement of both cursor and display.
· S/C=1: Shift both cursor and display.
· S/C=0: Shift only the cursor.
²R/L² bit selects whether moving the direction to the left or right of the display and/or cursor.
· R/L=1: Shift one character right.
· R/L=0: Shift one character left.
Cursor or Display Shift
S/C
R/L
Cursor Position
Information on the Display
0
0
Decrements by one (left)
No change
0
1
Increments by one (right)
No change
1
0
Decrements by one (left)
Shifts on character position to the left
1
1
Increments by one (right)
Shifts on character position to the right
Function Set
This instruction sets the width of the data bus for the parallel interface modes, the number of display lines, and the lumi-
nance level (brightness) of the VFD. DDRAM, CGRAM, and cursor position are not affected by this instruction.
· DL=0: Sets the data bus width for the parallel interface modes to 4-bit (DB7~DB4).
· DL=1: Sets the data bus width for the parallel interface modes to 8-bit (DB7~DB0).
· N=0: Sets the number of display lines to 1 (this setting is not recommended).
· N=1: Sets the number of display lines to 2
HT16514
Rev. 1.00
32
October 4, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com