Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Functional Description
CPU Interface
HT16514 have 4 or 8-bit parallel interface or serial interface. These modes are selected by IM pin.
· IM=
²0²: Serial mode
· IM=
²1²: Parallel mode
CPU Interface Table
IM
CS
RS, ST
E (RD), SCK
R, W (WR)
MPU
SI, SO
DB0~DB7
0CS
ST
SCK
Note
Note
SI, SO
Note
1CS
RS
E (RD)
R,W(WR)
MPU
Note
DB0~DB7
Note: Keep this pin Hi or Lo.
Registers (IR, DR)
The HT16514 has two 8-bit registers, namely, an instruction register (IR) and a data register (DR). The IR register
stores instruction code such as display clear and cursor shift. It also contains address information for display data RAM
(DDRAM) and character generator RAM (CGRAM). The IR can only be written from the MPU. The DR temporarily
stores data to be written into or read from the DDRAM or CGRAM. Data written into the DR from the MPU is automati-
cally written into the DDRAM or CGRAM by internal operation. The DR is also used for data storage when reading data
from the DDRAM or CGRAM. When the address information is written into the IR, data is read and then stored into the
DR from the DDRAM or CGRAM by internal operation. Data transfer between the MPU is completed when the MPU
reads the DR. After the read, data in DDRAM or CGRAM at the next address is sent to the DR for the next read from the
MPU. These two registers can be selected by the register selector (RS) signal, (Refer to CPU Interface table).
Registers (IR, DR) Table
Common
M68
i80
Register Selection
RS
R, W
RD
WR
0010
Write IR data during internal operation (display clear, etc.)
0101
Read data to be busy flag (DB7) and address counter (DB6~DB0)
1010
Write DR data (DR
®DDRAM, CGRAM)
1101
Read DR data (DDRAM, CGRAM
®DR)
Busy Flag (Read BF Flag)
Busy flag data (DB7) is always output as
²0².
Address Counter (AC)
The Address counter (AC) assigns address to both DDRAM and CGRAM. When an instruction address is written into
the IR, the address information is sent from the IR to the AC.
Selection of either DDRAM or CGRAM is also determined concurrently by the instruction. After writing into (or read
from) the DDRAM or CGRAM, the AC is automatically incremented by 1 (or decremented by 1). The cursor position are
then output to DB0~DB6 when RS=0 and R, W=1 (Refer to Registers (IR, DR) Table).
HT16514
Rev. 1.00
20
October 4, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com