Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 39Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Example (8-bit Data Parallel, Data Increment Mode)
Initialization Sequence & Data Set
Initialization Programming Example & Data Set (M68 series MPU)
RS
R, W
D7
D6
D5
D4
D3
D2
D1
D0
Description
Power On
0000111
x
01
Function Set
Data length: 8 bits
Display line number: 2 lines
VFD Brightness: 75%
0001000000
CGRAM address set to 00H
10
x
x
x
DDDDD
Write data to CGRAM 64 bytes
(8 characters)
x
x
x
DDDDD
||||||||
x
x
x
DDDDD
0010000000
DDRAM address set to 00H
10
DDDDDDDD
Write data to DDRAM 80 bytes
(80 characters)
DDDDDDDD
||||||||
DDDDDDDD
0
00001100
Display ON/OFF
Display ON, cursor OFF, cursor blink
OFF
HT16514
Rev. 1.00
36
October 4, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com