Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Timing Conditions 2 for i80-Type, Parallel Mode
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tRH8
RS Hold Time
4.5V~5.5V
RS
10
¾¾
ns
2.7V~4.5V
20
¾¾
ns
tCH8
CS Hold Time
4.5V~5.5V
CS
20
¾¾
ns
2.7V~4.5V
40
¾¾
ns
tRS8
RS, CS Setup Time
4.5V~5.5V
RS, CS
10
¾¾
ns
2.7V~4.5V
30
¾¾
ns
tCYC8
System Cycle Time
4.5V~5.5V
¾
200
¾¾
ns
2.7V~4.5V
600
¾¾
ns
tCCLW
Control
²L² Pulse Width (WR)
4.5V~5.5V
WR
30
¾¾
ns
2.7V~4.5V
50
¾¾
ns
tCCLR
Control
²L² Pulse Width (RD)
4.5V~5.5V
RD
70
¾¾
ns
2.7V~4.5V
200
¾¾
ns
tCCHW
Control
²H² Pulse Width (WR)
4.5V~5.5V
WR
100
¾¾
ns
2.7V~4.5V
200
¾¾
ns
tCCHR
Control
²H² Pulse Width (RD)
4.5V~5.5V
RD
100
¾¾
ns
2.7V~4.5V
200
¾¾
ns
tDS8
Data Setup Time
4.5V~5.5V
DB0~DB7
30
¾¾
ns
2.7V~4.5V
60
¾¾
ns
tDH8
Data Hold Time
4.5V~5.5V
DB0~DB7
10
¾¾
ns
2.7V~4.5V
20
¾¾
ns
tACC8
RD Access Time
4.5V~5.5V
DB0~DB7, CL=100pF
¾¾
70
ns
2.7V~4.5V
¾¾
140
ns
tOH8
Output Disable Time
4.5V~5.5V
DB0~DB7, CL=100pF
5
¾¾
ns
2.7V~4.5V
5
¾¾
ns
tWRE
Reset Pulse Width
4.5V~5.5V
¾
500
¾¾
ns
2.7V~4.5V
500
¾¾
ns
HT16514
Rev. 1.00
16
October 4, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com