Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 39Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Power ON Reset
After a power-on reset, the module is initialize to the following conditions:
· All DDRAM locations are set to 20H (character code for a space).
· The cursor position is set to DDRAMaddress 00H
· The relationship between DDRAM addresses and character positions on the VFD is set to the non-shifted position.
· Entry Mode Set instruction bits:
I/D=1: The cursor position increments after each DDRAM or CGRAM access.
If S=1, the information on the display shifts to the left by one character position after each DDRAM write.
S=0:
The display shift function is disabled.
· Display On/Off Control instruction bits:
D=0:
The display is off (display blank).
C=0:
The cursor is off.
B=0:
The blinking character function is disabled.
· Function Set instruction bits:
DL=1: Sets the data bus width for the parallel interface modes to 8 bits (DB7~DB0).
N=1:
Number of display lines is set to 2.
BR1, BR0=0,0: Sets the luminance level to 100%.
· MPU interface, duty ratio selection are based on the following table.
Relationship between Status of HT16514 and Pin Selection at Power on Reset
Pin Name
Function
Remark
TEST
IM
DS1 DS0
1
x
x
x
Self test mode
This is effective on aging.
0 or open
0
x
x
Serial interface
SI, SO, SCK, ST
0 or open
1
x
x
Parallel interface
RS, E, R, W, DB7~DB4 or DB7~DB0
0 or open
x
0
0
Duty= 1/16 (16C
´1 or 2L display)
It
¢s not necessary to use the extension driver.
The number of line is selected by instruction.
0 or open
x
0
1
Duty= 1/20 (20C
´1 or 2L display)
0 or open
x
1
0
Duty= 1/24 (24C
´1 or 2L display)
0 or open
x
1
1
Duty= 1/40 (40C
´1 or 2L display)
Extension driver should be used.
The number of line is selected by instruction.
HT16514
Rev. 1.00
35
October 4, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com