Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Character Generator RAM (CGRAM)
The CGRAM stores the pixel information (1=pixel on, 0=pixel off) for the eight user-define 5
´8 characters. Valid
CGRAM addresses are 00H to 3FH. CGRAM not used to defined characters can be used as general purpose RAM.
Character codes 00H~07H (or 08H~0FH) are assigned to the user-defined characters (see section 5.0 character font
tables). The table below shows the relationship between the character codes, CGRAM addresses, and CGRAM data
for each user-defined character.
Relationship between CGRAM address and character code (DDRAM) and 5
´7 (with cursor) dot character patterns
(CGRAM)
Note:
²X² means don¢t care
Character code bits 0~2 correspond to CGRAM address bits 3~5 (3 bits: 8 types)
CGRAM address bits 0~2 designate character pattern line position. The 8th line is the cursor position and its
display is formed by a logical OR with the cursor. Maintain the 8th line data, corresponding to the cursor display
position at 0 as the cursor display. If the 8th line data is 1, 1 bit will light up the 8th line regardless of the cursor
presence.
Character pattern row position corresponds to CGRAM data bits 0~4 (bit 4 being at the left).
CGRAM character patterns are selected when character code bits 4~7 are all 0. However, since character
code bit 3 has no effect, the N display example above can be selected by either character code 00H or 08H.
1 for CGRAM data corresponds to display selection and 0 to no selection.
Timing Generation Circuit
Timing generation circuit generates timing signals for the operation of internal circuit such as DDRAM, CGRAM and
CGROM. The RAM reads the timing for display and the internal operation timing by MPU access are generated sepa-
rately to avoid interfering with each other. Therefore, when writing data to DDRAM, for example, there will be no unde-
sirable interference, such as flickering, in areas other than the display area.
HT16514
Rev. 1.00
25
October 4, 2006
D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0
H i g h O r d e r B i t
L o w O r d e r B i t
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
A 5 A 4 A 3
H i g h O r d e r B i t
A 2 A 1 A 0
L o w O r d e r B i t
D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0
H i g h O r d e r B i t
L o w O r d e r B i t
1
1
1
1
1
1
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
1
0
0
0
0
0
0
0
1
0
0
0
0
1
1
1
1
1
1
1
0
C u r s o r P o s i t i o n
C u r s o r P o s i t i o n
C u r s o r P o s i t i o n
C h a r a c t e r
P a t t e r n ( 1 )
C h a r a c t e r
P a t t e r n ( 2 )
C h a r a c t e r
P a t t e r n ( 8 )
C h a r a c t e r C o d e ( R A M D a t a )
C G R A M A d d r e s s
C G R A M D a t a
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
1
0
0
0
1
0
0
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
0
1
0
0
1
0
1
0
0
0
1
0
1
1
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1
1
1
1
1
1
1
0
1
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com