Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Serial Mode
In the synchronous serial interface mode, instructions and data are sent between the host and the module using 8-bit
bytes. Two bytes are required per read/write cycle and are transmitted MSB first. The start byte contains 5 high bits, the
Read/Write (R/W) control bit, the Register Select (RS) control bit, and a low bit. The subsequent byte contains the in-
struction/data bits. The R/W bit determines whether the cycle is a read (high) or a write (low) cycle. The RS bit is used to
identify the second byte as an instruction (low) or data (high).
This mode uses the strobe (ST) control signal, Serial Clock (SCK) input, and Serial I/O (SI/SO) line to transfer informa-
tion. In a write cycle, bits are clocked into the module on the rising edge of SCK. In a read cycle, bits in the start byte are
clocked into the module on the rising edge of SCK. After a minimum wait time, each bit in the instruction/data byte can
be read from the module after each falling edge of SCK. Each read/write cycle begins on the falling edge of ST and
ends on the rising edge. To be a valid read/write cycle, the ST must go high at the end of the cycle.
HT16514
Rev. 1.00
29
October 4, 2006
D a t a W r i t e
S C K
S I
S T
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
S y n c h r o n o u s B i t s
S t a r t B y t e
I n s t r u c t i o n / D a t a
W a i t T i m e : t W A I T
1 m s
D a t a R e a d
S C K
S I , S O
S T
S y n c h r o n o u s B i t s
S t a r t B y t e
R e a d D a t a
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
" 1 "
" 1 "
" 1 "
" 1 "
" 1 " R , W
R S
" 0 "
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
" 1 "
" 1 "
" 1 "
" 1 "
" 1 " R , W
R S
" 0 "
" 0 "
B F
I R 6
I R 5
I R 4
I R 3
I R 2
I R 1
I R 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com