Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
BR1, BR0 flag is brightness control for the VFD to modulate the pulse width of the segment output as follows.
tDSP
@200ms, tBLK@10ms
BR1
BR0
Brightness
tP
0
0
100%
tDSP
´1.00
0
1
75%
tDSP
´0.75
1
0
50%
tDSP
´0.50
1
1
25%
tDSP
´0.25
When resetting
CGRAM Address Set
This instruction places the 6-bit CGRAM address specified by DB5~DB0 into the cursor position. Subsequent data
writes (reads) will be to (from) the CGRAM. The DDRAM and CGRAM contents are not affected by this instruction.
When resetting: Don
¢t care.
HT16514
Rev. 1.00
33
October 4, 2006
Note:
²n² means number of grid, T=nx (tDSP+tBLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com