Electronic Components Datasheet Search
  English  ▼

X  

HT16514 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Clear Display
The instruction:
· Fills all locations in the display data RAM (DDRAM) with 20H (Blank character).
· Clears the contents of the address counter (ACC) to 00H.
· Sets display for zero character shifts (returns to original position).
· Sets the address counter to point to the display data RAM (DDRAM).
· If cursor is displayed, move cursor to the left most character in the top line (upper line).
· Sets address counter (ACC) to increment on each access to DDRAM or CGRAM.
When resetting
Cursor Home
The instruction:
· Clears the contents of the address counter (ACC) to 00H.
· Sets the address counter to point to the display data RAM (DDRAM).
· Sets display for zero character shifts (returns to original position).
· If cursor is displayed, move cursor to the left most character in the top line (upper line).
Entry Mode
This instruction selects whether the cursor position increments or decrements after each DDRAM or CGRAM access
and determines the direction the information on the display shifts after each DDRAM write. The instruction also enables
or disables display shifts after each DDRAM write (information on the display does not shift after a DDRAM read or
CGRAM access). The DDRAM, CGRAM, and cursor position are not affected by this instruction.
I/D=0: The AC decrements after each DDRAM or CGRAM access.
If S=1, the information on the display shifts to the right by one character position after each DDRAM write.
I/D=1: The AC increments after each DDRAM or CGRAM access.
If S=1, the information on the display shifts to the left by one character position after each DDRAM write.
S=0:
The display shift function is disabled.
S=1:
The display shift function is enabled.
Cursor Move and Display Shift by the Entry Mode Set
I/D
S
After Writing DDRAM Data
After Reading DDRAM Data
0
0
Cursor moves one character to the left.
Cursor moves one character to the right.
1
0
Cursor moves one character to the right.
Cursor moves one character to the right.
01
Display shifts one character to the right without cursor
movements.
Cursor moves one character to the left.
11
Display shifts one character to the left without cursor move-
ments.
Cursor moves one character to the right.
When resetting
HT16514
Rev. 1.00
31
October 4, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com